Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94A Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
HT82K94E/HT82K94A
Rev. 1.00
23
November 22, 2005
Bit No.
Label
R/W
Function
0
¾¾
Undefined, should be cleared to
²0²
1
OSC_ctrl
R/W
To control to check the LVD voltage
1=Read LVD
0=Off (default)
2
EXT_INTEN R/W
1: enable the external interrupt
0: disable the external interrupt (default)
3
USBCKEN
R/W
USB clock control bit. When this bit is set to
²1², it indicates that the USB clock is en-
abled. Otherwise, the USB clock is turned-off. (Default=
²0²)
4
SUSP2
R/W
This bit is used for decreasing power consumption in suspend mode.
In normal mode clean this bit=0 (Default=
²0²)
In HALT mode set this bit=1 for decreasing power consumption.
5
PS2_flag
R/W
This flag is used to show the MCU is under PS2 mode. (Bit=1)
This bit is R/W by FW and will be cleared to
²0² after power-on reset. (Default=²0²)
6
SYSCLK
R/W
This bit is used to specify the system oscillator frequency used by the MCU. If a
6MHz crystal oscillator or resonator is used, this bit should be set to
²1². If a 12MHz
crystal oscillator or resonator is used, this bit should be cleared to
²0² (default).
7
LVD
R/W
1: battery voltage low
0: battery voltage high
SCC (1EH) Register
Table High Byte Pointer for Current Table Read TBHP (Address 0X1F)
Register
Bits
Labels
Read/Write
Option
Functions
(0X1F)
4~0
PGC4~PGC0
R/W
¾
Store current table read bit12~bit8 data
Options
The following table shows all kinds of option in the microcontroller. All of the options must be defined to ensure proper
system functioning.
No.
Option
1
Chip lock bit (by bit)
2
PA0~PA7 pull-high resistor enabled or disabled (by bit)
3
PB0~PB7 pull-high resistor enabled or disabled (by nibble)
4
PC0~PC7 pull-high resistor enabled or disabled (by nibble)
5
PD0~PD7 pull-high resistor enabled or disabled (by nibble)
6
PE0~PE7 pull-high resistor enabled or disabled (by nibble)
7
LVR enable or disable
8
WDT enable or disable
9
WDT clock source: fSYS/4 or WDTOSC
10
²CLRWDT² instruction(s): 1 or 2
11
PA0~PA7 output structures: CMOS/NMOS open-drain/PMOS open-drain (by bit)
12
PA0~PA7 wake-up enabled or disabled (by bit)
13
PB0~PB7 wake-up enabled or disabled (by nibble)
14
PC0~PC7 wake-up enabled or disabled (by nibble)
15
PD0~PD7 wake-up enabled or disabled (by nibble)
16
TBHP enable or disable (default disable)
17
LVR/LVD kind: 2-battery or 3-battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com