Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94A Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 42Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 43Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 44Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Product Tape and Reel Specifications
Reel Dimensions
SSOP 48W
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330
±1
B
Reel Inner Diameter
100
±0.1
C
Spindle Hole Diameter
13+0.5
-0.2
D
Key Slit Width
2
±0.5
T1
Space Between Flange
32.2+0.3
-0.2
T2
Reel Thickness
38.2
±0.2
HT82K94E/HT82K94A
Rev. 1.00
42
November 22, 2005
A
C
B
T 1
T 2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com