Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94A Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
HT82K94E/HT82K94A
Rev. 1.00
22
November 22, 2005
USB Endpoint Interrupt Status Register
The register is used to indicate which endpoint is accessed or has external interrupt PA4/EXT is activated and to select
the serial bus (PS2 or USB). The endpoint request flags (EP0IF, EP1IF, EP2IF, EP3IF and EXTIF) are used to indicate
which endpoints are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and the
USB interrupt will occur (if the USB interrupt is enabled and the stack is not full). When the active endpoint request flag
is served, the endpoint request flag has to be cleared to
²0².
Where USB_flag bit is only a bit for firmware to store the USB-mode data. This bit only clear to zero after power-on reset.
Bit No.
Label
R/W
Function
0
EP0IF
R/W
When this bit is set to
²1² (set by the SIE), it indicates the endpoint 0 is accessed and
a USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
1
EP1IF
R/W
When this bit is set to
²1² (set by the SIE), it indicates the endpoint 1 is accessed and
a USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
2
EP2IF
R/W
When this bit is set to
²1² (set by the SIE), it indicates the endpoint 2 is accessed and
a USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
3
EP3IF
R/W
When set to
²1², indicated endpoint 3 interrupt event . Must wait MCU to process in-
terrupt event, then clear this bit by firmware. This bit must be 0, then next interrupt
event will be process. Default value is 0.
4
SPS2
R/W
The PS2 function is selected when this bit is set to
²1². (Default=²0²)
5
SUSB
R/W
The USB function is selected when this bit is set to
²1². (Default=²0²)
6
EXTIF
R/W
When set to
²1², indicated external PA4 interrupt event . Must wait MCU to process
interrupt event, then clear this bit by firmware. This bit must be 0, then next interrupt
event will be process. Default value is 0.
7
USB_flag
R/W
This flag is used to show the MCU is in USB mode. (Bit=1)
This bit is R/W by FW and will be cleared to
²0² after power-on reset. (Default=²0²)
USR (1DH) Register
System Clock Control Register
This register is designed to control the system clock and make the device to meet USB 500
mA suspend current spec. as
well as a LVD indicator.
Since the device can operate at 6MHz or 12MHz in USB mode, so in order to make SIE work properly, there should has
a SYSCLK bit to indicate what system frequency is working.
The USBCKEN bit is used to turn-off or turn-on the SIE system clock to meet the USB 500
mA suspend current. For
normal operation, this bit must be 1. Otherwise, the SIE cannot detect the USB signal.
User can control EXT_INTENbit to enable or disable the external interrupt PA4/EXT. PS2_flag bit is only a bit for firm-
ware to stone the PS2 mode data. This bit only clear to zero by hardware after power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com