Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOLVDSRDPT-D Datasheet(PDF) 5 Page - STMicroelectronics

Part # LEOLVDSRDPT-D
Description  Rad-hard plastic LVDS driver-receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOLVDSRDPT-D Datasheet(HTML) 5 Page - STMicroelectronics

  LEOLVDSRDPT-D Datasheet HTML 1Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 2Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 3Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 4Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 5Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 6Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 7Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 8Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2
Maximum ratings and operating conditions
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC(1)
Maximum analog power supply between VCC and GND
-0.3 to 4.8
V
Vi
LVCMOS inputs (operating or cold-spare)
-0.3 to 4.8
V
VOUT
LVDS outputs and LVCMOS outputs (operating or cold-spare)
-0.3 to 4.8
V
VCM
LVDS common mode (operating or cold-spare)
-5 to +6
V
Tstg
Maximum temperature storage
-65 to +150
°C
Tj(2)
Maximum junction temperature
+150
°C
Rth(3)
Junction-to-ambient thermal resistance (Ɵja)
80
°C/W
Junction-to-case thermal resistance (Ɵjc)
17
°C/W
ESD
HBM (human body model), LVDS inputs and outputs vs pin 5, 6, 11, 16
8 k
V
HBM on all pins except LVDS inputs and outputs
2 k
CDM (charged device model)
1 k
1. All voltages, except differential I/O bus voltage, are with respect to the network ground terminal.
2. Maximum junction temperature shall not be exceeded except for allowable short duration burn-in screening conditions as
per the method 5004 of MIL-STD-883.
3. Short-circuits can cause excessive heating.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 5. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
3
3.6
V
VCM
Static common mode on the receiver
-4
+4
V
VIN
Driver DC input voltage (LVCMOS inputs)
0
3.6
V
Ta
Ambient temperature range
-40
+125
°C
Note:
All unused inputs must be held at VCC or GND to ensure proper device operation.
LEOLVDSRD
Maximum ratings and operating conditions
DS13673 - Rev 4
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com