Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOLVDSRDPT-D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LEOLVDSRDPT-D
Description  Rad-hard plastic LVDS driver-receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOLVDSRDPT-D Datasheet(HTML) 1 Page - STMicroelectronics

  LEOLVDSRDPT-D Datasheet HTML 1Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 2Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 3Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 4Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 5Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 6Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 7Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 8Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Features
•
LVDS single driver and single receiver
•
400 Mbps (200 MHz)
•
3 V to 3.6 V operating power supply
•
4.8 V absolute maximum ratings
•
Individual enable/disable function with high impedance
•
Cold spare on all pins
•
Fail-safe function
•
RML < 1% and CVCM <0.1% guaranteed outgassing
•
Nickel/palladium/gold-lead-finished (NiPdAu), whisker-free
•
Gold wires
•
50 krad (Si) total ionizing dose
•
SEL-free up to 62.5 MeV.cm²/mg
•
Mass: 80 mg
•
Compliant with ST-LEO-specification
Applications
•
Low earth orbit (LEO) satellites, high speed interface systems
Description
The LEOLVDSRD is a 3 V to 3.6 V power supply (4.8 V absolute maximum
ratings) low voltage differential signaling (LVDS) driver and receiver qualified for use
in aerospace environments. It operates over a controlled impedance of 100 ohm
transmission media that may be printed circuit board traces, back planes, or cables.
The circuit features an internal fail-safe function to ensure a known state in case of
an input short-circuit or floating input. All pins have cold spare buffers to ensure they
are in high impedance when VCC is tied to GND.
The LEOLVDSRD can operate over a large temperature range of -40 °C to +125 °C
and it is housed in plastic TSSOP-20, thin-shrink small outline package, 20 leads,
using gold-wires and nickel/palladium/golden-lead-finishing to prevent from whiskers.
The LEOLVDSRD is compliant with ST-LEO-specification, dedicated specification for
space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off among footprint size savings, cost of ownership and quality
assurance together with radiation hardness and a large quantity capability.
Product status link
LEOLVDSRD
Rad-hard plastic LVDS driver-receiver
LEOLVDSRD
Datasheet
DS13673 - Rev 4 - June 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LEOLVDSRDPT-D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S552-THC0 ADVANTECH-LEO-S552-THC0 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S552-THG0 ADVANTECH-LEO-S552-THG0 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S57 ADVANTECH-LEO-S57 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
LEO-S572-TPC0 ADVANTECH-LEO-S572-TPC0 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
More results

Similar Description - LEOLVDSRDPT-D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
LVDS Receiver/Driver
logo
STMicroelectronics
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
Rad-hard quad LVDS receiver
21-Oct-2015
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
Rad-hard, crystal oscillator driver and divider
13-May-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com