Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOLVDSRDPT-D Datasheet (PDF) - STMicroelectronics

LEOLVDSRDPT-D Datasheet PDF - STMicroelectronics
Part # LEOLVDSRDPT-D
Download  LEOLVDSRDPT-D Download
File Size   795.83 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard plastic LVDS driver-receiver

LEOLVDSRDPT-D Datasheet (PDF)

Go To PDF Page Download Datasheet
LEOLVDSRDPT-D Datasheet PDF - STMicroelectronics

Part # LEOLVDSRDPT-D
Download  LEOLVDSRDPT-D Click to download

File Size   795.83 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard plastic LVDS driver-receiver

LEOLVDSRDPT-D Datasheet (HTML) - STMicroelectronics


LEOLVDSRDPT-D Product details

Features
• LVDS single driver and single receiver
• 400 Mbps (200 MHz)
• 3 V to 3.6 V operating power supply
• 4.8 V absolute maximum ratings
• Individual enable/disable function with high impedance
• Cold spare on all pins
• Fail-safe function
• RML < 1% and CVCM <0.1% guaranteed outgassing
• Nickel/palladium/gold-lead-finished (NiPdAu), whisker-free
• Gold wires
• 50 krad (Si) total ionizing dose
• SEL-free up to 62.5 MeV.cm²/mg
• Mass: 80 mg
• Compliant with ST-LEO-specification

Description
The LEOLVDSRD is a 3 V to 3.6 V power supply (4.8 V absolute maximum
ratings) low voltage differential signaling (LVDS) driver and receiver qualified for use
in aerospace environments. It operates over a controlled impedance of 100 ohm
transmission media that may be printed circuit board traces, back planes, or cables.
The circuit features an internal fail-safe function to ensure a known state in case of
an input short-circuit or floating input. All pins have cold spare buffers to ensure they
are in high impedance when VCC is tied to GND.
The LEOLVDSRD can operate over a large temperature range of -40 °C to +125 °C
and it is housed in plastic TSSOP-20, thin-shrink small outline package, 20 leads,
using gold-wires and nickel/palladium/golden-lead-finishing to prevent from whiskers.
The LEOLVDSRD is compliant with ST-LEO-specification, dedicated specification for
space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off among footprint size savings, cost of ownership and quality
assurance together with radiation hardness and a large quantity capability.

Applications
• Low earth orbit (LEO) satellites, high speed interface systems




Similar Part No. - LEOLVDSRDPT-D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S552-THC0 ADVANTECH-LEO-S552-THC0 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S552-THG0 ADVANTECH-LEO-S552-THG0 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S57 ADVANTECH-LEO-S57 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
LEO-S572-TPC0 ADVANTECH-LEO-S572-TPC0 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
More results


Similar Description - LEOLVDSRDPT-D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
LVDS Receiver/Driver
logo
STMicroelectronics
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
Rad-hard quad LVDS receiver
21-Oct-2015
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
Rad-hard, crystal oscillator driver and divider
13-May-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com