Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOLVDSRDPT-D Datasheet(PDF) 4 Page - STMicroelectronics

Part # LEOLVDSRDPT-D
Description  Rad-hard plastic LVDS driver-receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOLVDSRDPT-D Datasheet(HTML) 4 Page - STMicroelectronics

  LEOLVDSRDPT-D Datasheet HTML 1Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 2Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 3Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 4Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 5Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 6Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 7Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 8Page - STMicroelectronics LEOLVDSRDPT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Table 2. Driver truth table (DIN)
Enables
Input
Output
DEN
DIN
DOUT+
DOUT-
L
X
Z
Z
H or floating
(internal pull-up)
L
L
H
H
H
L
Open
L
H
Table 3. Receiver truth table
Enables
Input
Output
REN
RIN+ - RIN-
ROUT
L
X
Z
H or floating
(internal pull-up)
VID > 0.1 V
H
VID < -0.1 V
L
-0.1 V < VID < +0.1 V
?
Full fail-safe open/short or
terminated
H
Note:
Vid = (VIN+) - (VIN-), L = low level, H = high Level, X = do not care, Z = high impedance (off).
LEOLVDSRD
Functional description
DS13673 - Rev 4
page 4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com