Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP8M120DF3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGP8M120DF3
Description  Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP8M120DF3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGP8M120DF3 Datasheet HTML 2Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 3Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 4Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 5Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 6Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 7Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 8Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 9Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Collector current vs switching frequency
IGBT140920161251CCS
24
16
8
0
10 0
10 1
10 2
IC
(A)
f (kHz)
Rectangular current
shape(duty cycle=0.5
VCC = 600 V,
RG = 33 Ω
VGE = 0/15 V,
TJ = 175 °C)
TC = 80 °C
TC = 100 °C
Figure 8. Forward bias safe operating area
Figure 9. Transfer characteristics
IGBT140920161251TCH
24
16
8
0
4
6
8
10
I C
(A)
V GE (V)
V CE = 6 V
T J = 25 °C
T J = 175 °C
Figure 10. Diode VF vs forward current
IGBT140920161252DVF
4
3
2
1
0
0
8
16
24
VF
(V)
IF (A)
TJ = -40 °C
TJ = 25 °C
TJ = 175 °C
Figure 11. Normalized VGE(th) vs junction temperature
IGBT140920161252NVGE
1.1
1.0
0.9
0.8
-50
0
50
100
150
VGE(th)
(norm.)
TJ (°C)
VCE = VGE
IC = 500 µA
Figure 12. Normalized V(BR)CES vs junction temperature
IGBT140920161253NVBR
1.06
1.02
0.98
0.94
0.9
-50
0
50
100
150
TJ (°C)
IC = 2 mA
V(BR)CES
(norm.)
STGP8M120DF3
Electrical characteristics (curves)
DS11847 - Rev 2
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com