Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP8M120DF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP8M120DF3
Description  Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP8M120DF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STGP8M120DF3 Datasheet HTML 1Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 2Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 3Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 4Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 5Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 6Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 7Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 8Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
TO-220
TAB
C(2, TAB)
E(3)
NG1E3C2T
G(1)
Features
10 µs of minimum short-circuit withstand time
VCE(sat) = 1.85 V (typ.) @ IC = 8 A
Tight parameter distribution
Positive VCE(sat) temperature coefficient
Low thermal resistance
Soft and very fast recovery antiparallel diode
Maximum junction temperature: TJ = 175 °C
Applications
Industrial drives
UPS
Solar
Welding
General-purpose inverters
Description
This device is an IGBT developed using an advanced proprietary trench gate field-
stop structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where low-loss and
short-circuit functionality are essential. Furthermore, the positive VCE(sat) temperature
coefficient and tight parameter distribution result in safer paralleling operation.
Product status link
STGP8M120DF3
Product summary
Order code
STGP8M120DF3
Marking
G8M120DF3
Package
TO-220
Packing
Tube
Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
STGP8M120DF3
Datasheet
DS11847 - Rev 2 - April 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGP8M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP8NC60K STMICROELECTRONICS-STGP8NC60K Datasheet
448Kb / 17P
N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
02-Oct-2007
STGP8NC60KD STMICROELECTRONICS-STGP8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
logo
Inchange Semiconductor ...
STGP8NC60KD ISC-STGP8NC60KD Datasheet
389Kb / 2P
IGBT
More results

Similar Description - STGP8M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
31-Oct-2014
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
31-Oct-2014
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
10-Nov-2014
STGF10M65DF2 STMICROELECTRONICS-STGF10M65DF2 Datasheet
989Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in TO-220FP package
April 2017
STGF30M65DF2 STMICROELECTRONICS-STGF30M65DF2 Datasheet
731Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
11-Apr-2017
STGP15M120F3 STMICROELECTRONICS-STGP15M120F3 Datasheet
429Kb / 15P
Trench gate field-stop, 1200 V, 15 A, low-loss M series IGBT in a TO-220 package
01-Aug-2018
STGYA50M120DF3 STMICROELECTRONICS-STGYA50M120DF3 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
01-Oct-2021
STG35M120F3D7 STMICROELECTRONICS-STG35M120F3D7 Datasheet
184Kb / 9P
1200 V, 35 A, trench gate field-stop, M series, low-loss IGBT die in D7 packing
20-Feb-2018
STG15M120F3D8 STMICROELECTRONICS-STG15M120F3D8 Datasheet
224Kb / 8P
1200 V, 15 A trench gate field‑stop M series low‑loss IGBT die in D8 packing
18-Jan-2022
STG15M120F3D7 STMICROELECTRONICS-STG15M120F3D7 Datasheet
263Kb / 10P
Trench gate field-stop 1200 V, 15 A low-loss M series IGBT die in D7 packing
16-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com