Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP8M120DF3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP8M120DF3
Description  Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP8M120DF3 Datasheet(HTML) 4 Page - STMicroelectronics

  STGP8M120DF3 Datasheet HTML 1Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 2Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 3Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 4Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 5Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 6Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 7Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 8Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Table 5. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 600 V, IC = 8 A,
VGE = 15 V, RG = 33 Ω
(see Figure 28. Test circuit for
inductive load switching)
20
-
ns
tr
Current rise time
8.4
-
ns
(di/dt)on
Turn-on current slope
800
-
A/µs
td(off)
Turn-off-delay time
126
-
ns
tf
Current fall time
136
-
ns
Eon(1)
Turn-on switching energy
0.39
-
mJ
Eoff(2)
Turn-off switching energy
0.37
-
mJ
Ets
Total switching energy
0.76
-
mJ
td(on)
Turn-on delay time
VCE = 600 V, IC = 8 A,
VGE = 15 V, RG = 33 Ω,
TJ = 175 °C
(see Figure 28. Test circuit for
inductive load switching)
19
-
ns
tr
Current rise time
9.8
-
ns
(di/dt)on
Turn-on current slope
656
-
A/µs
td(off)
Turn-off-delay time
134
-
ns
tf
Current fall time
222
-
ns
Eon(1)
Turn-on switching energy
0.66
-
mJ
Eoff(2)
Turn-off switching energy
0.58
-
mJ
Ets
Total switching energy
1.24
-
mJ
tsc
Short-circuit withstand time
VCC ≤ 600 V, VGE = 15 V,
TJstart ≤ 150 °C
10
-
µs
1. Including the reverse recovery of the diode
2. Including the tail of the collector current
Table 6. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 8 A, VR = 600 V,
VGE = 15 V, RG = 33 Ω,
di/dt = 1000 A/µs
(see Figure 28. Test circuit for
inductive load switching)
-
103
-
ns
Qrr
Reverse recovery charge
-
0.87
-
µC
Irrm
Reverse recovery current
-
19.2
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
720
-
A/µs
Err
Reverse recovery energy
-
211
-
µJ
trr
Reverse recovery time
IF = 8 A, VR = 600 V,
VGE = 15 V, RG = 33 Ω,
TJ = 175 °C, di/dt = 840 A/µs
(see Figure 28. Test circuit for
inductive load switching)
-
280
-
ns
Qrr
Reverse recovery charge
-
1.9
-
µC
Irrm
Reverse recovery current
-
21.8
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
450
-
A/µs
Err
Reverse recovery energy
-
404
-
µJ
STGP8M120DF3
Electrical characteristics
DS11847 - Rev 2
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com