Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP8M120DF3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP8M120DF3
Description  Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP8M120DF3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP8M120DF3 Datasheet HTML 3Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 4Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 5Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 6Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 7Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 8Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 9Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 10Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 13. Capacitance variations
IGBT140920161253CVR
100
10
1
0.1
1
10
100
1000
C
(pF)
VCE (V)
Cies
Coes
Cres
Figure 14. Gate charge vs gate-emitter voltage
IGBT140920161253GCGE
15
10
5
0
0
10
20
30
VGE
(V)
Qg (nC)
VCC = 960 V,
IC = 8 A,
IG = 1 mA
Figure 15. Switching energy vs collector current
IGBT140920161254SLC
1800
1200
600
0
0
4
8
12
E
(µJ)
IC (A)
VCC = 600 V, RG = 33 Ω,
VGE = 15 V, TJ = 175 °C
Etot
Eoff
Eon
Figure 16. Switching energy vs gate resistance
IGBT140920161255SLG
1600
1200
800
400
0
40
80
120
E
(µJ)
RG (Ω)
VCC = 600 V, IC = 8 A,
VGE = 15 V, TJ = 175 °C
Etot
Eoff
Eon
Figure 17. Switching energy vs temperature
IGBT140920161255SLT
1100
900
700
500
300
0
50
100
150
E
(µJ)
TJ (°C)
VCC = 600 V, IC = 8 A,
RG = 33 Ω, VGE = 15 V
Etot
Eoff
Eon
Figure 18. Switching energy vs collector emitter voltage
IGBT140920161256SLV
2000
1500
1000
500
0
200
400
600
800
E
(µJ)
VCE (V)
IC = 8 A, RG = 33 Ω,
VGE = 15 V, TJ = 175 °C
Etot
Eoff
Eon
STGP8M120DF3
Electrical characteristics (curves)
DS11847 - Rev 2
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com