Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC20065
Description  650 V power Schottky silicon carbide diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20065 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC20065 Datasheet HTML 1Page - STMicroelectronics STPSC20065 Datasheet HTML 2Page - STMicroelectronics STPSC20065 Datasheet HTML 3Page - STMicroelectronics STPSC20065 Datasheet HTML 4Page - STMicroelectronics STPSC20065 Datasheet HTML 5Page - STMicroelectronics STPSC20065 Datasheet HTML 6Page - STMicroelectronics STPSC20065 Datasheet HTML 7Page - STMicroelectronics STPSC20065 Datasheet HTML 8Page - STMicroelectronics STPSC20065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2017
DocID029246 Rev 2
1/13
This is information on a product in full production.
www.st.com
STPSC20065
650 V power Schottky silicon carbide diode
Datasheet - production data
Features
No reverse recovery charge in application
current range
Switching behavior independent of
temperature
Dedicated to PFC applications
Insulated package TO-220AC ins:
Insulated voltage: 2500 V rms
Typical package capacitance: 7 pF
High forward surge capability
ECOPACK®2 compliant component
Maximum operating: Tj 175 °C
Description
The SiC diode is an ultra high performance
power Schottky diode. It is manufactured using a
silicon carbide substrate. The wide band gap
material allows the design of a Schottky diode
structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
Especially suited for use in PFC applications, this
ST SiC diode will boost performance in hard
switching conditions. Its high forward surge
capability ensures good robustness during
transient phases.
Table 1: Device summary
Symbol
Value
IF(AV)
20 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
DO-247
A
K
A
A
A
K
K
K
K
NC
TO-220AC Ins
TO-220AC


Similar Part No. - STPSC20065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
617Kb / 14P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y_V01 Datasheet
617Kb / 14P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC20065C STMICROELECTRONICS-STPSC20065C Datasheet
227Kb / 10P
650 V, dual 10 A, power Schottky silicon carbide diode
26-Apr-2019
STPSC20065DY STMICROELECTRONICS-STPSC20065DY Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
More results

Similar Description - STPSC20065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
December 2015 Rev 5
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
10-Dec-2015
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
650 V power Schottky silicon carbide diode
31-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com