Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-6I Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN5015H-6I
Description  High temperature 50 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN5015H-6I Datasheet(HTML) 5 Page - STMicroelectronics

  TN5015H-6I Datasheet HTML 1Page - STMicroelectronics TN5015H-6I Datasheet HTML 2Page - STMicroelectronics TN5015H-6I Datasheet HTML 3Page - STMicroelectronics TN5015H-6I Datasheet HTML 4Page - STMicroelectronics TN5015H-6I Datasheet HTML 5Page - STMicroelectronics TN5015H-6I Datasheet HTML 6Page - STMicroelectronics TN5015H-6I Datasheet HTML 7Page - STMicroelectronics TN5015H-6I Datasheet HTML 8Page - STMicroelectronics TN5015H-6I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 5. Relative variation of gate trigger current and
gate voltage versus junction temperature (typical values)
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
Tj(°C)
IGT,VGT [Tj] / IGT,VGT [Tj=25 °C]
IGT
VGT
Figure 6. Relative variation of holding and latching
current versus junction temperature (typical values)
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
2.3
2.5
-50
-25
0
25
50
75
100
125
150
Tj(°C)
IH , IL[Tj]/ IH , IL[Tj=25 °C]
IH
IL
Figure 7. Relative variation of static dV/dt immunity
versus junction temperature (typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
90
95
100
105
110
115
120 125
130
135
140 145 150
Tj(°C)
dV/dt [ Tj ] / dV/dt [ Tj = 150 °C ]
Above test equipment capability
VD = 402 V
Figure 8. Surge peak on-state current versus number of
cycles
0
50
100
150
200
250
300
350
400
450
1
10
100
1000
Number of cycles
I
TSM(A)
Non repetitive
Tj initial = 25 °C
Repetitive
Tc = 75 °C
Figure 9. Non repetitive surge peak on-state current for a
sinusoidal pulse with width tp < 10 ms
10
100
1000
10000
0.01
0.10
1.00
10.00
tp(ms)
I
TSM(A)
dI/dt limitation: 100 A/µs
ITSM
Tj initial = 25 °C
Figure 10. On-state characteristics (maximum values)
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VTM (V)
ITM (A)
Tj max :
VTO = 0.85 V
Rd = 9 mΩ
Tj = 25 °C
Tj = 150 °C
TN5015H-6I
Characteristics (curves)
DS12178 - Rev 3
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com