Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-6I Datasheet(PDF) 7 Page - STMicroelectronics

Part # TN5015H-6I
Description  High temperature 50 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN5015H-6I Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TN5015H-6I Datasheet HTML 3Page - STMicroelectronics TN5015H-6I Datasheet HTML 4Page - STMicroelectronics TN5015H-6I Datasheet HTML 5Page - STMicroelectronics TN5015H-6I Datasheet HTML 6Page - STMicroelectronics TN5015H-6I Datasheet HTML 7Page - STMicroelectronics TN5015H-6I Datasheet HTML 8Page - STMicroelectronics TN5015H-6I Datasheet HTML 9Page - STMicroelectronics TN5015H-6I Datasheet HTML 10Page - STMicroelectronics TN5015H-6I Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2
Application information
2.1
Overvoltage crowbar protection
An application featuring the strong current robustness of TN5015H-6I is the overvoltage crowbar protection,
implemented in AC/DC switch mode power supply. An application global schematic is shown Figure 12. Global
schematic of a crowbar overvoltage protection application.
Figure 12. Global schematic of a crowbar overvoltage protection application
In case of overvoltage on line power terminals (example: lightning event), the voltage is rising quickly across the
DC/DC module and can reach voltages limitations of devices, leading to possible application failure. The
overvoltage crowbar protection answers to this issue by placing the SCR in parallel of the rectifier bridge output,
and limiting the induced surge current during electrical over-stress.
The protection principle is to trig the TN5015H-6I when the overvoltage reaches the maximum authorized voltage.
At TN5015H-6I turn-on, the electrical overvoltage stress becomes an overcurrent stress, flowing through the
TN5015H-6I. No more voltage stress is applied across the down stream converter and the TN5015H-6I absorbs
the overcurrent, making the application safe.
Additionally, the AC/DC SMPS efficiency and stand-by losses are not impacted by the protection thanks to the
very low leakage current of the TN5015H-6I.
TN5015H-6I
Application information
DS12178 - Rev 3
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com