Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-6I Datasheet(PDF) 9 Page - STMicroelectronics

Part # TN5015H-6I
Description  High temperature 50 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN5015H-6I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TN5015H-6I Datasheet HTML 5Page - STMicroelectronics TN5015H-6I Datasheet HTML 6Page - STMicroelectronics TN5015H-6I Datasheet HTML 7Page - STMicroelectronics TN5015H-6I Datasheet HTML 8Page - STMicroelectronics TN5015H-6I Datasheet HTML 9Page - STMicroelectronics TN5015H-6I Datasheet HTML 10Page - STMicroelectronics TN5015H-6I Datasheet HTML 11Page - STMicroelectronics TN5015H-6I Datasheet HTML 12Page - STMicroelectronics TN5015H-6I Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
3.1
TO-220AB insulated package information
Molding compound resin is halogen-free and meets UL standard level V0
Lead-free package leads finishing
ECOPACK®2 compliant
Figure 15. TO-220AB insulated package outline
C
b2
c2
F
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
Resin gate 0.5 mm
max. protusion(1)
Resin gate 0.5 mm
max. protusion(1)
(1)Resin gate position accepted in one of the two positions or in the symmetrical opposites.
I
TN5015H-6I
Package information
DS12178 - Rev 3
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com