Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-6I Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN5015H-6I
Description  High temperature 50 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN5015H-6I Datasheet(HTML) 4 Page - STMicroelectronics

  TN5015H-6I Datasheet HTML 1Page - STMicroelectronics TN5015H-6I Datasheet HTML 2Page - STMicroelectronics TN5015H-6I Datasheet HTML 3Page - STMicroelectronics TN5015H-6I Datasheet HTML 4Page - STMicroelectronics TN5015H-6I Datasheet HTML 5Page - STMicroelectronics TN5015H-6I Datasheet HTML 6Page - STMicroelectronics TN5015H-6I Datasheet HTML 7Page - STMicroelectronics TN5015H-6I Datasheet HTML 8Page - STMicroelectronics TN5015H-6I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1.1
Characteristics curves
Figure 1. Maximum average power dissipation versus
average on-state current
0
10
20
30
40
50
0
5
10
15
20
25
30
35
40
45
50
IT(AV)(A)
P(W)
α = 30°
α = 60°
α = 90°
α = 120°
α = 180°
D.C
Figure 2. Average and DC on-state current versus case
temperature
0
10
20
30
40
50
60
0
25
50
75
100
125
150
TC(°C)
I
T(AV)(A)
D.C
α = 180°
α = 30° α = 60°
α = 90° α = 120°
Figure 3. Average and D.C. on state current versus
ambient temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
TA(°C)
I
T(AV)(A)
D.C
α = 180 °
Figure 4. Relative variation of thermal impedance versus
pulse duration
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
tp(s)
K=[Zth /Rth]
Zth(j-a)
Zth(j-c)
TN5015H-6I
Characteristics (curves)
DS12178 - Rev 3
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com