Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD2-TH Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # WLSD2-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TH Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button WLSD2-TH Datasheet HTML 4Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 5Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 6Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 7Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 8Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 9Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 10Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 11Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
WL-N/WLM-N
8
Model Number Structure
Model Number Legend (Not all combinations are possible. Contact your OMRON representative for details.)
(1) Actuator and Property Specifications
(2) Built-in Switch Type
(3) Conduit Size, Ground Terminal Specifications
* Models with ground terminals are certified for EN/IEC (CE Marking).
(4) Indicator Type
(5) Lever Type
General-purpose Switches
WL
@ - @@@@ -N
(1)
(2) (3) (4) (5)
Code
Lever
Pretravel (PT)
CA2
Roller lever: R38 mm
15
±5°
CA2-7
Roller lever: R50 mm
CA2-8
Roller lever: R63 mm
CA12
Adjustable roller lever: R25 to 89 mm
CL
Adjustable rod lever: 25 to 140 mm
CAL4
Adjustable rod lever: 350 to 380 mm
CAL5
Rod spring lever
CA2-2
Roller lever: R38 mm
25
±5°
CA12-2
Adjustable roller lever: R25 to 89 mm
CL-2
Adjustable rod lever: 25 to 140 mm
CA2-2N
Roller lever: R38 mm
MAX 20
°
CA12-2N
Adjustable roller lever: R25 to 89 mm
CL-2N
Adjustable rod lever: 25 to 140 mm
G2
Roller lever, high sensitivity: R38 mm
10
°
G12
Adjustable roller lever, high sensitivity:
R25 to 89 mm
GL
Adjustable rod lever, high sensitivity:
25 to 140 mm
GCA2
Roller lever, high precision: R38 mm
5
°
CA32-41
Fork lever lock
50
±5°
CA32-42
Fork lever lock
CA32-43
Fork lever lock
D18
Sealed top plunger
1.7 mm
D28
Sealed top-roller plunger
D38
Sealed top-ball plunger
SD
Horizontal plunger
2.8 mm
SD2
Horizontal-roller plunger
SD3
Horizontal-ball plunger
NJ
Flexible rod: Coil spring
20
±10 mm
NJ-30
Flexible rod: Coil spring, multi-wire
NJ-2
Flexible rod: Resin rod
40
±20 mm
NJ-S2
Flexible rod: Steel wire
+2
°
−1°
+2°
0°
Code
Specification
Blank
Standard built-in switch
55
Airtight built-in switch
Code
Specifications
Conduit Size
Ground terminal
Blank
G1/2
None
G1
G1/2
Provided *
G
Pg13.5
YM20
TS
1/2-14NPT
Code
Specifications
Blank
No indicator
LE
Neon lamp: 125 to 250 VAC
LD
LED (10 to 115 VAC/DC)
Code
Specifications
Blank
Standard lever (Allen-head bolt)
A
Double nut lever



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com