Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD2-TH Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # WLSD2-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TH Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button WLSD2-TH Datasheet HTML 35Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 36Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 37Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 38Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 39Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 40Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 41Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 42Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
WL-N/WLM-N
39
Actuators (Levers Only)
Lever: Only rotating lever models are illustrated.
Note: 1. Unless otherwise indicated, a tolerance of
±0.4 mm applies to all dimensions.
Lever: Only rotating lever models are illustrated.
11.4
17.5 dia. × 7,
sintered stainless steel roller
7.3-dia.
mounting
holes
38
16
M5
Allen-head bolt
54.8
17.9
12.6
WL-1A100
Standard Lever
11.4
17.5 dia. (length: 7)
resin roller
7.3-dia.
mounting
holes
38
16
M5
Allen-head bolt
54.8
17.9
12.6
WL-1A115
Resin Roller
11.4
17 dia. (length: 6)
bearing roller
7.3-dia.
mounting
holes
38
16
M5
Allen-head bolt
54.8
16.9
12.1
WL-1A400
Bearing Roller
11.4
17.5 dia. (length: 30)
Nylon roller
7.3-dia.
mounting
holes
16
M5
Allen-head bolt
54.8
40.2±0.8
23.6
38
WL-1A118
Nylon Roller:
Roller Width: 30 mm
11.4
17.5 dia. × 7,
sintered stainless steel roller
7.3-dia.
mounting
holes
38
16
Two, M5
Allenhead nut
and arm set screw
54.8
17.9
12.6
WL-1A105
Double Nuts
11.4
17.5 dia. (length: 7)
stainless steel roller
7.3-dia.
mounting
holes
38
16
M5
Allen-head bolt
54.8
17.9
12.6
WL-1A103S
Spatter
17.5 dia. × 15,
sintered stainless steel roller
7.3-dia.
mounting
holes
50
16
M5
Allen-head bolt
66.8
11.4
25.7
16.6
WL-1A200
Lever Length: 50
Roller Width: 15
7.3-dia.
mounting
holes
63
16
M5
Allen-head bolt
79.8
17.5 dia. × 7,
sintered stainless steel roller
11.4
17.9
12.6
WL-1A300
Lever Length: 63
16
12
17.5 dia. × 7,
sintered stainless steel roller
Adjustable lever:
stainless steel
7.3-dia.
mounting
holes
M5
Allen-head
bolt
Adjustable
range:
25 to 89
24.9±0.8
19.7±0.8
105.75
23
WL-2A100
16
12
17.5 dia. (length: 7)
resin roller
Adjustable lever:
stainless steel
7.3-dia.
mounting
holes
M5
Allen-head
bolt
Adjustable
range:
25 to 89
24.9±0.8
19.7±0.8
105.75
23
WL-2A111
Resin Roller
16
12
17.5 dia. × 7,
sintered stainless
steel roller
Adjustable lever:
stainless steel
7.3-dia.
mounting
holes
Adjustable
range:
28 to 88
24.9±0.8
19.7±0.8
105.75
M5
Allen-head
bolt
Two, M5 Allen-head nut
and arm set screw
23
WL-2A107
Double Nuts
(15.8)
6.2
17.5 dia. (length: 7)
resin roller
Adjustable lever:
stainless steel
7.3-dia.
mounting
holes
M5
Allen-head
bolt
Adjustable
range:
25 to 140
24.9±0.8
19.7±0.8
155.75
23
WL-2A108
Resin Roller
(15.8)
6.2
17.5 dia. × 7,
sintered stainless
steel roller
Adjustable lever:
stainless steel
7.3-dia.
mounting
holes
M5
Allen-head
bolt
Adjustable
range:
25 to 140
24.9±0.8
19.7±0.8
155.75
23
WL-2A122
16
20
17.5 dia. × 7,
sintered stainless
steel roller
Adjustable lever:
stainless steel
7.3-dia.
mounting
holes
M5
Allen-head
bolt
Adjustable
range:
25 to 89
24.9±0.8
19.7±0.8
105.75
23
9.1
* Can be installed
on the rear side.
WL-2A106
24.7±0.8
19.5±0.8
(112)
3
M5
Allen-head bolt
(10)
(21.8)
(10)
17.5 dia. × 7,
sintered stainless
steel roller
R89.5
20
15.9
23
Three, 5.3
dia. holes
7.3 dia.
mounting holes
+0.2
0
WL-2A130
16
23
12
50 dia. (length: 6)
Nylon roller
7.3-dia.
mounting
holes
M5
Allen-head
bolt
Adjustable
from 42 to 89
24.9±0.8
19.7±0.8
WL-2A104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com