Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD2-TH Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # WLSD2-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TH Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button WLSD2-TH Datasheet HTML 44Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 45Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 46Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 47Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 48Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 49Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 50Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 51Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 52Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
WL-N/WLM-N
49
Limit Switch Connectors
Connectors (SC Series)
Cabtire cables and flexible tubes with various diameters are used to
connect machine tools and controllers with Limit Switches. To ensure
the watertightness of the edges of the conduits, use an SC Connector
that is suitable for the external diameter of cable and model of Limit
Switch.
Ordering Information
Connector for Cabtire Cable
Note: Please use sealling tape with SC Connectors. SC-1M to SC-5M, however, are provided with an O-ring (NBR) and therefore sealing tape is not necessary to
ensure a proper seal.
Simple Connectors (Not Suitable for Locations Subject to Oil or Water)
Note: Simple connector are made of resin. If more sealing capability is required, use one of SC-1M to SC-5M, which have metal casings.
Models marked with an asterisk (*) however, can only be used with resin connectors.
Conduit
Applicable cable
Inner diameter (D)
of seal rubber
External diameter of cable
Model
Applicable model
Min.
Max.
JIS B 0202 G½
Cabtire cable (general-
purpose)
7 mm
5.5 mm
7.5 mm
SC-1M
WL-N, D4A-
@N, D4B-@N, ZE,
ZV, ZV2, XE, XV, XV2
9 mm
7.5 mm
9.5 mm
SC-2M
12.5 mm
11 mm
13 mm
SC-3M
14 mm
12 mm
14 mm
SC-4M
11 mm
9 mm
11 mm
SC-5M
Cabtire cable (anti-
corrosive)
7 mm
5.5 mm
7.5 mm
SC-21
9 mm
7.5 mm
9.5 mm
SC-22
12.5 mm
11 mm
13 mm
SC-23
14 mm
12 mm
14 mm
SC-24
11 mm
9 mm
11 mm
SC-25
½-14NPT
Cabtire cable
7 mm
5.5 mm
7.5 mm
SC-1PT
D4A-
@N
9 mm
7.5 mm
9.5 mm
SC-2PT
12.5 mm
11 mm
13 mm
SC-3PT
14 mm
12 mm
14 mm
SC-4PT
11 mm
9 mm
11 mm
SC-5PT
Conduit
Applicable cable
Inner diameter (D)
of seal rubber
External diameter of cable
Model
Applicable model
Min.
Max.
JIS B 0202 G½
Cabtire cable
10.6 mm
8.5 mm
10.5 mm
SC-P2
WL-N, D4A-
@N, D4B-@N, ZE,
ZV, ZV2, XE, XV, XV2
Pg13.5
9.6 mm
7.5 mm
9.5 mm
SC-P3
WL
@-G-N
JIS B 0202 G½
9 mm
7.5 mm
9 mm
SC-6
WL-N, D4A-
@N, D4N *,
D4N-
@R *, D4B-@N, ZE, ZV,
ZV2, XE, XV, XV2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com