Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD2-TH Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # WLSD2-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD2-TH Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button WLSD2-TH Datasheet HTML 6Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 7Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 8Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 9Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 10Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 11Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 12Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 13Page - Omron Electronics LLC WLSD2-TH Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
WL-N/WLM-N
10
Model Number Legend (Not all combinations are possible. Contact your OMRON representative for details.)
(1) Actuator and Property Specifications
(2) Environment-resistant Model Specifications
(3) Built-in Switch Type
(4) Temperature Specifications
*1. Cannot be combined with Corrosion-proof (RP) or Weather-proof
(P1) Switches.
(5) Hermetic Specification
(6) Conduit Size, Ground Terminal Specifications
*2. Models with ground terminals are certified for EN/IEC (CE
Marking).
(7) Indicator Type
*3. Cannot be combined with Corrosion-proof (RP), Weather-proof
(P1), Heat-resistant (TC), or Low-temperature (TC) Switches.
(8) Indicator Wiring Specification
*4. Always include the indicator wiring specification if you specify a
(5) hermetic structure and an (7) indicator.
(9) Lever Type
Environment-resistant Switches
WL
@ - @@@@@@@@ -N
(1)
(2) (3) (4) (5) (6) (7) (8) (9)
Code
Lever
Pretravel (PT)
CA2
Roller lever: R38 mm
15
±5°
CA2-7
Roller lever: R50 mm
CA2-8
Roller lever: R63 mm
CA12
Adjustable roller lever: R25 to 89 mm
CL
Adjustable rod lever: 25 to 140 mm
CAL4
Adjustable rod lever: 350 to 380 mm
CAL5
Rod spring lever
CA2-2
Roller lever: R38 mm
25
±5°
CA12-2
Adjustable roller lever: R25 to 89 mm
CL-2
Adjustable rod lever: 25 to 140 mm
CA2-2N
Roller lever: R38 mm
MAX 20
°
CA12-2N
Adjustable roller lever: R25 to 89 mm
CL-2N
Adjustable rod lever: 25 to 140 mm
G2
Roller lever, high sensitivity: R38 mm
10
°
G12
Adjustable roller lever, high sensitivity: R25
to 89 mm
GL
Adjustable rod lever, high sensitivity: 25 to
140 mm
GCA2
Roller lever, high precision: R38 mm
5
°
CA32-41
Fork lever lock
55°
CA32-42
Fork lever lock
CA32-43
Fork lever lock
D18
Sealed top plunger
1.7 mm
D28
Sealed top-roller plunger
D38
Sealed top-ball plunger
SD
Horizontal plunger
2.8 mm
SD2
Horizontal-roller plunger
SD3
Horizontal-ball plunger
NJ
Flexible rod: Coil spring
20
±10 mm
NJ-30
Flexible rod: Coil spring, multi-wire
NJ-2
Flexible rod: Resin rod
40
±20 mm
NJ-S2
Flexible rod: Steel wire
Code
Specifications
Blank
Standard
RP
Corrosion-proof
P1
Weather-proof
Code
Specifications
Blank
Standard built-in switch
55
Airtight built-in switch
Code
Specifications
Blank
Standard:
−10°C to +80°C
TH
Heat-resistant: +5
°C to +120°C *1
TC
Low-temperature:
−40°C to +40°C *1
+2
°
−1°
+2°
0°
Code
Specifications
Blank
No cable molding.
139
Standard built-in switch. Cable is attached.
Molded conduit opening and cover. (The cover cannot be re-
moved.)
140
Airtight built-in switch. Cable is attached.
Molded conduit opening, cover, and cover screws. (The cover
cannot be removed.)
141
Airtight built-in switch. Cable is attached.
Molded conduit opening, cover, head, cover screws, and head
screws. (The cover cannot be removed and the head direction
cannot be changed.)
Double seal against oil including head cap countermeasure for
cutting chips and an oil seal.
145
Airtight built-in switch. Cable is attached.
Molded conduit opening, cover, and cover screws. (The cover
cannot be removed. The head can be mounted in any of 4 di-
rections.)
Double seal against oil including head cap countermeasure for
cutting chips and an oil seal.
RP40
Airtight built-in switch. Cable is attached.
Molded conduit opening and cover. (The cover cannot be re-
moved.)
SC Connector can be removed, so it is possible to use flexible
conduits for the cable.
RP60
Airtight built-in switch. Cables are attached.
Molded conduit opening, cover, cover screws, and head
screws. (The cover cannot be removed and the head direction
cannot be changed.)
Fluorine rubber is used for all rubber parts.
Code
Specifications
Conduit Size
Ground terminal
Blank
G1/2
None
G1
G1/2
Provided *2
G
Pg13.5
YM20
TS
1/2-14NPT
Code
Specifications
Blank
No indicator
LE
Neon lamp: 125 to 250 VAC
LD
LED (10 to 115 VAC/DC)
Code
Specifications
2
NC connection: Light-ON when operating
3
NO connection: Light-ON when not operating
Code
Specifications
Blank
Standard lever (Allen-head bolt)
A
Double nut lever



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com