Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL-AB-RPI Datasheet(PDF) 3 Page - NimbeLink Corp.

Part # NL-AB-RPI
Description  Skywire ® Raspberry Pi Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIMBELINK [NimbeLink Corp.]
Direct Link  https://nimbelink.com/
Logo NIMBELINK - NimbeLink Corp.

NL-AB-RPI Datasheet(HTML) 3 Page - NimbeLink Corp.

  NL-AB-RPI Datasheet HTML 1Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 2Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 3Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 4Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 5Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 6Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 7Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 8Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 9Page - NimbeLink Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1. Introduction
1.1 Overview
This document is the data sheet for the Skywire Raspberry Pi Adapter.
Throughout the document the Skywire Raspberry Pi Adapter will often be
referred to as "the adapter", although it may be referred to by its full name.
The NimbeLink Skywire modem is available with bundled data plans from leading
cellular carriers. Visit
​go.nimbelink.com​ for cellular data plan details.
The Skywire cellular modem, antennas, and power supply are sold separately.
Make sure you check the Nimbelink's Skywire Raspberry Pi Adapter's product
page for the most up to date information.
1.2 Product Description
The Skywire Raspberry Pi Adapter allows Raspberry Pis to gain easy access to
the Internet of Things (IoT) via any of the Skywire plug-in cellular modems. The
Raspberry Pi is a low-cost, community-supported development platform that
allows quick, easy application development. It accepts plug-in boards called
“hats” or "adapters" that allow a wide variety of expanded capabilities. The
Skywire Raspberry Pi Adapter supports any of NimbeLink’s end-device certified
Skywire plug-in cellular modems with optional bundled, no-contract cellular plans.
In addition to cellular connectivity the adapter offers:
● A 5V Power Supply input via a 2.1mm DC barrel Jack
● Compatibility with the Raspberry Pi 3B and the Raspberry Pi Compute
Module 3 I/O Board
● Two Grove sensor interfaces for unlimited sensor flexibility
Fast, easy prototyping made possible by the Skywire Raspberry Pi Adapter.
PN 1001465 rev 2
NimbeLink Corp. 2020. All Rights Reserved.
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com