Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL-AB-RPI Datasheet(PDF) 7 Page - NimbeLink Corp.

Part # NL-AB-RPI
Description  Skywire ® Raspberry Pi Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIMBELINK [NimbeLink Corp.]
Direct Link  https://nimbelink.com/
Logo NIMBELINK - NimbeLink Corp.

NL-AB-RPI Datasheet(HTML) 7 Page - NimbeLink Corp.

Back Button NL-AB-RPI Datasheet HTML 2Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 3Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 4Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 5Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 6Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 7Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 8Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 9Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 10Page - NimbeLink Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2.3 Mechanical Specifications
Mechanical Specifications
Parameter
Value
Mechanical Size
65.9x78x23.4mm
PCB Layers
4
PCB Thickness
1.6mm
RoHS
Yes
PN 1001465 rev 2
NimbeLink Corp. 2020. All Rights Reserved.
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com