Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL-AB-RPI Datasheet(PDF) 8 Page - NimbeLink Corp.

Part # NL-AB-RPI
Description  Skywire ® Raspberry Pi Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIMBELINK [NimbeLink Corp.]
Direct Link  https://nimbelink.com/
Logo NIMBELINK - NimbeLink Corp.

NL-AB-RPI Datasheet(HTML) 8 Page - NimbeLink Corp.

Back Button NL-AB-RPI Datasheet HTML 2Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 3Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 4Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 5Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 6Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 7Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 8Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 9Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 10Page - NimbeLink Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2.4 Electrical Specifications
Electrical Specifications
Parameter
Min
Typ
Max
Unit
J5 Input Voltage
4.9
5
5.1
V
J5 Current Requirements
0.8
3.3
A
Skywire Current Requirements*
0.3
2
A
Raspberry Pi Current Requirements
0.4
1.3
A
*Skywire current requirements will vary between different modem models. Modems will use more current in low
signal conditions (poor RF reception).
2.5 Power Requirements
The adapter requires a +5VDC input to J5 in order to power the Skywire Modem.
The adapter can not be back powered by the Raspberry Pi, but the +5VDC input
from J5 can power any attached Raspberry Pi.
Nimbelink recommends using a +5VDC 3A supply, such as CUI's
​SWI18-5-N-P6​,
to ensure enough current is available for the Skywire and the Raspberry Pi
during high current loads.
2.6 Raspberry Pi Compatibility
NimbeLink’s Skywire Raspberry Pi Development Kit has been designed to be
drop in compatible with the following Raspberry Pi models:
-
Raspberry Pi 3 Model B
-
Raspberry Pi Compute Module 3 I/O Board.
2.7 Antenna Specifications
For optimum performance, a dipole antenna, such as a Taoglas
​TG.30.8113
antenna, is recommended.
2.8 Features
Nimbelink's Skywire Raspberry Pi Adapter is designed to be a low cost,
adaptable cellular gateway for the Raspberry Pi development platforms. The
adapter enables diverse connectivity options by including a Skywire Cellular
Modem socket for cellular/GPS connections, allowing users to use any of
Nimbelink's 2G, 3G, or 4G Skywire modems.
PN 1001465 rev 2
NimbeLink Corp. 2020. All Rights Reserved.
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com