Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL-AB-RPI Datasheet(PDF) 6 Page - NimbeLink Corp.

Part # NL-AB-RPI
Description  Skywire ® Raspberry Pi Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIMBELINK [NimbeLink Corp.]
Direct Link  https://nimbelink.com/
Logo NIMBELINK - NimbeLink Corp.

NL-AB-RPI Datasheet(HTML) 6 Page - NimbeLink Corp.

Back Button NL-AB-RPI Datasheet HTML 2Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 3Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 4Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 5Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 6Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 7Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 8Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 9Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 10Page - NimbeLink Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2.2 Pinout
The adapter can use up to 20 GPIO in addition to the GND and VCC connections
on the J8 and J11 headers.
Connector
Direction
RPI GPIO Name
Connection
Notes
J8-3/J11-1
Input
GPIO02
J10 Grove I2C SDA
See Note 1
J8-5/J11-3
I/O
GPIO03
J10 Grove I2C SCL
See Note 1
J8-7/J11-4
Output
GPIO04
4V Regulator Enable
J8-29/J11-11
I/O
GPIO05
J9 Grove GPIO5
See Note 1
J8-31/J11-13
I/O
GPIO06
J9 Grove GPIO6
See Note 1
J8-26/J11-15
Input
GPIO07
EEPROM WP
J8-32/J11-25
Input
GPIO12
Skywire ON/Sleep
J8-33/J11-27
I/O
GPIO13
Skywire ADC
J8-8/J11-29
Output
GPIO14
Skywire DIN
J8-10/J11-31
Input
GPIO15
Skywire DOUT
J8-36/J11-33
Input
GPIO16
Skywire CTS
J8-11/J11-35
Output
GPIO17
Skywire RTS
J8-12/J11-37
Output
GPIO18
4V Regulator PG
J8-15/J11-45
I/O
GPIO22
Skywire DIO2
See Note 1, 2
J8-16/J11-47
I/O
GPIO23
Skywire DIO3
See Note 1, 2
J8-18/J11-49
Input
GPIO24
Skywire ON-OFF
J8-22/J11-51
Input
GPIO25
Skywire Reset
J8-13/J11-55
Input
GPIO27
Skywire DTR
J8-28/J11-3
Input
ID_SC
I2C ID SCL
J8-27/J11-1
I/O
ID_SD
I2C ID SDA
*Note 1: Not configured by Device Tree Overlay (DTO)
*Note 2: Not connected by default, optional 0 ohm jumper can be connected to use the signal.
PN 1001465 rev 2
NimbeLink Corp. 2020. All Rights Reserved.
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com