Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1963
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1963 Datasheet HTML 3Page - Linear Technology LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
7
1083ffe
For more information www.linear.com/LT1083
Typical perForMance characTerisTics
LT1084 Dropout Voltage
LT1084 Short Circuit Current
LT1084 Load Regulation
OUTPUT CURRENT (A)
0
0
1
1
2
3
4
LT1083/4/5 FIXEDG04
5
2
6
INDICATES GUARANTEED TEST POINT
–55°C ≤ TJ ≤ 150°C
0°C ≤ TJ ≤ 125°C
TJ = 150°C
TJ = –55°C
TJ = 25°C
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
1
3
4
5
10
7
10
20
25
LT1083/4/5 FIXED G05
2
8
9
6
5
15
30
35
25°C
–55°C
150°C
GUARANTEED
IFULL_LOAD
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0
0
50
100
150
LT1083/4/5 FIXED G06
–25
25
75
125
∆I = 5A
LT1085 Dropout Voltage
OUTPUT CURRENT (A)
0
0
1
2
1
2
LT1083/4/5 FIXED G07
3
4
INDICATES GUARANTEED TEST POINT
TJ = 150°C
TJ = 25°C
–55°C ≤ TJ ≤ 150°C
TJ = –55°C
0°C ≤ TJ ≤ 125°C
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0
0
50
100
150
LT1083/4/5 FIXED G09
–25
25
75
125
∆I = 3A
LT1085 Load Regulation
INPUT/OUTPUT DIFFERENTIAL (V)
0
4
5
6
15
25
LT1083/4/5 FIXED G08
3
2
5
10
20
30
35
1
0
25°C
–55°C
IFULL_LOAD
GUARANTEED
150°C
LT1085 Short-Circuit Current
OUTPUT CURRENT (A)
0
1
2
LT1083/4/5 FIXED G01
0
1
2
3
4
5
6
7
8
9 10
INDICATES GUARANTEED TEST POINT
–40°C ≤ TJ ≤ 150°C
0°C ≤ TJ ≤ 125°C
TJ = 150°C
TJ = 25°C
TJ = –55°C
INPUT/OUTPUT DIFFERENTIAL (V)
0
8
10
12
15
25
LT1083/4/5 FIXED G02
6
4
5
10
20
30
35
2
0
25°C
150°C
IFULL_LOAD
GUARANTEED
–55°C
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0
0
50
100
150
LT1083/4/5 FIXED G03
0.05
0.10
–25
25
75
125
∆I = 7.5A
LT1083 Dropout Voltage
LT1083 Load Regulation
LT1083 Short-Circuit Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com