Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1963
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology LT1963 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
18
1083ffe
For more information www.linear.com/LT1083
LINEAR TECHNOLOGY CORPORATION 1994
LT 0615 REV E • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT1083
relaTeD parTs
Typical applicaTion
VIN
50
LT1084-5
LT1083/4/5 TA09
5.2V LINE
5.0V BATTERY
LT1084-5
SELECT
FOR
CHARGE
RATE
6.5V
100µF
10µF
10µF
+
+
+
Adjusting Output Voltage
Regulator with Reference
VIN
VOUT = –12V
LT1083/4/5 TA08
10,000µF
FLOATING INPUT
100µF
LT1084-12 OUT
IN
GND
+
+
Low Dropout Negative Supply
Battery Backed Up Regulated Supply
VIN > 12V
LT1085-5
LT1083/4/5 TA06
5V to 10V
10µF
*OPTIONAL IMPROVES RIPPLE REJECTION
10µF*
1k
100µF
+
+
+
PART NUMBER DESCRIPTION
COMMENTS
LT1129
700mA Micropower Low Dropout Regulator
50µA Quiescent Current
LT1175
500mA Negative Low Dropout Micropower Regulator
45µA IQ, 0.26V Dropout Voltage, SOT-223 Package
LT1185
3A Negative Low Dropout Regulator
VIN: –4.5V to –35V, 0.8V Dropout Voltage, DD-Pak and TO-220 Packages
LT1529
3A Low Dropout Regulator with 50µA IQ
500mV Dropout Voltage
LT1580
7A, Very Low Dropout Regulator
0.54V Dropout at 7A, Fixed 2.5VOUT and Adjustable
LT1581
10A, Very Low Dropout Regulator
0.63V Dropout at 10A, Fixed 2.5VOUT and Adjustable
LT1584/LT1585/
LT1587
7A/4.6A/3A Fast Response LDOs
Fast Transient Response for Microprocessor Applications
LT1761 Series
100mA, Low Noise, Low Dropout Micropower Regulators
in SOT-23
20µA Quiescent Current, 20µVRMS Noise, SOT-23 Package
LT1762 Series
150mA, Low Noise, LDO Micropower Regulators
25µA Quiescent Current, 20µVRMS Noise, MSOP Package
LT1763 Series
500mA, Low Noise LDO Micropower Regulators
30µA Quiescent Current, 20µVRMS Noise, SO-8 Package
LT1764
3A Low Noise Fast Transient Response LDO
40µVRMS Noise, 5-Lead DD Package
LT1962
300mA, Low Noise LDO Micropower Regulator
20µVRMS Noise, MSOP Package
LT1963
1.5A, Low Noise, Fast Transient Response LDO
40µVRMS Noise, SOT-223 Package
LT1964
200mA, Low Noise, Negative LDO
340mV Dropout Voltage, Low Noise 30µVRMS, VIN = –1.8V to –20V, ThinSOT™
and 3mm × 3mm DFN-8 Packages
LT3015
1.5A, Low Noise, Negative Linear Regulator with Precision
Current Limit
VIN: –1.8V to –30V, VOUT: –1.22V to –29.5V, Dropout Voltage: 310mV, Precision
Current Limit with Foldback, Low Output Noise: 60μVRMS (10Hz to 100kHz),
TO-220, DD-Pak, DFN and MSOP Packages
LT3080/
LT3080-1
1.1A, Parallelable, Low Noise, Low Dropout Linear Regulator 300mV Dropout Voltage (2-Supply Operation), Low Noise: 40µVRMS,
VIN: 1.2V to 36V, VOUT: 0V to 35.7V, Stable with Ceramic Caps, TO-220,
DD-Pak, SOT-223, MS8E and 3mm × 3mm DFN-8 Packages; "-1" Version Has
Integrated Internal Ballast Resistor
LT3090
600mA Low Noise Negative LDO with Programmable ILIMIT 300mV Dropout Voltage, 18µVRMS Output Voltage Noise, Parallelable 50μA SET
Pin Current: ±1% Initial Accuracy, Positive/Negative Current Monitors Wide Input
Voltage Range: –1.5V to –36V, Rail-to-Rail Output Voltage Range: 0V to –32V
VIN > 11.5V
5VOUT
LT1085-5
LT1029
LT1083/4/5 TA07
10V
10µF
100µF
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com