Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1963
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 2 Page - Linear Technology

  LT1963 Datasheet HTML 1Page - Linear Technology LT1963 Datasheet HTML 2Page - Linear Technology LT1963 Datasheet HTML 3Page - Linear Technology LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
2
1083ffe
For more information www.linear.com/LT1083
absoluTe MaxiMuM raTings
orDer inForMaTion
Power Dissipation .............................. Internally Limited
Input Voltage*.......................................................... 30V
Operating Input Voltage
3.3V, 3.6V Devices............................................... 20V
5V Devices........................................................... 20V
12V Devices......................................................... 25V
Operating Junction Temperature Range
C-Grades: Control Section.................. 0°C to 125°C
Power Transistor................ 0°C to 150°C
I-Grades: Control Section.............. –40°C to 125°C
Power Transistor............ –40°C to 150°C
M-Grades: (OBSOLETE)
Control Section.............. –55°C to 150°C
Power Transistor............ –55°C to 200°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
100% Thermal Limit Functional Test.
*Although the devices maximum operating voltage is limited, (20V for
a 3V, 5V device, and 25V for a 12V device) the devices are guaranteed
to withstand transient input voltages up to 30V. For input voltages
greater than the maximum operating input voltage some degradation of
specifications will occur. For input/output voltage differentials greater than
15V, a minimum external load of 5mA is required to maintain regulation.
(Note 1)
preconDiTioning
TAB IS
OUTPUT
T PACKAGE
3-LEAD PLASTIC TO-220
VIN
VOUT
GND
FRONT VIEW
3
2
1
θJA = 50°C/W
VIN
VOUT
GND
P PACKAGE
3-LEAD TO-3P PLASTIC
FRONT VIEW
TAB IS
OUTPUT
3
2
1
θJA = 35°C/W
OBSOLETE PACKAGE
1
2
VIN
CASE IS
OUTPUT
GND
K PACKAGE
2-LEAD TO-3 METAL CAN
θJA = 35°C/W
OBSOLETE PACKAGE
TAB IS
OUTPUT
M PACKAGE
3-LEAD PLASTIC DD
FRONT VIEW
VIN
VOUT
GND
3
2
1
θJA = 30°C/W*
*WITH PACKAGE SOLDERED TO 0.5IN2 COPPER AREA OVER
BACKSIDE GROUND PLANE OR INTERNAL POWER PLANE. θJA CAN VARY
FROM 20°C/W TO >40°C/W DEPENDING ON MOUNTING TECHNIQUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com