Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1963
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology LT1963 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
16
1083ffe
For more information www.linear.com/LT1083
OBSOLETE PACKAGE
P Package
3-Lead Plastic TO-3P (Similar to TO-247)
(LTC DWG # 05-08-1450 Rev A)
package DescripTion
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
.170
(4.32)
MAX
.170 – .215
(4.32 – 5.46)
MOUNTING HOLE
.115 – .145
(2.92 – 3.68)
DIA
.580 – .600
(14.73 – 15.24)
.780 – .800
(19.81 – 20.32)
.620 – .640
(15.75 – 16.26)
.215
(5.46)
BSC
.113 – .123
(2.87 – 3.12)
.042 – .052
(1.07 – 1.32)
.074 – .084
(1.88 – 2.13)
.187 – .207
(4.75 – 5.26)
.060 – .081
(1.52 – 2.06)
18° – 22°
3° – 7°
.087 – .102
(2.21 – 2.59)
.020 – .040
(0.51 – 1.02)
EJECTOR PIN MARKS
.105 – .125
(2.67 – 3.18)
DIA
P3 0512 REV A
P Package
3-Lead Plastic TO-3P (Similar to TO-247))
(Reference LTC DWG # 05-08-1450 Rev A)
.560 – .620
(14.22 – 15.75)
.515 – .580
(13.08 – 14.73)
.305 – .370
(7.75 – 9.40)
.635 – .720
(16.13 – 18.29)
.104 – .145
(2.64 – 3.68)
.819 – .870
(20.80 – 22.10)
BOTTOM VIEW OF TO-3P
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
.265 – .293
(6.73 – 7.44)
NOTE:
1. DIMENSIONS IN INCH/(MILLIMETER)
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED .030" (.762mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com