Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST05250 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST05250
Description  250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST05250 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST05250 Datasheet HTML 7Page - STMicroelectronics ST05250 Datasheet HTML 8Page - STMicroelectronics ST05250 Datasheet HTML 9Page - STMicroelectronics ST05250 Datasheet HTML 10Page - STMicroelectronics ST05250 Datasheet HTML 11Page - STMicroelectronics ST05250 Datasheet HTML 12Page - STMicroelectronics ST05250 Datasheet HTML 13Page - STMicroelectronics ST05250 Datasheet HTML 14Page - STMicroelectronics ST05250 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Table 9. Components list (f= 945 MHz)
Component
Value
Description/manufacturer
C1, C14
39 pF
ATC 100A
C2, C6
10 μF
1206 50 V chip capactor
C3, C7
39 pF
ATC 100B
C4
12 pF
ATC 100A
C5, C9, C10
6.8 pF
ATC 100A
C8
470 μF
63 V electrolytic
C11, C12
1.2 pF
ATC 100A
C13
0.6 pF
ATC 100A
R1, R2
10 Ω
063 chip resistor
PCB
0.762 mm (0.030'') thick, ɛr = 3.48, Rogers RO4350B
ST05250
Test circuits
DS12681 - Rev 4
page 11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com