Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST05250 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST05250
Description  250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST05250 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST05250 Datasheet HTML 9Page - STMicroelectronics ST05250 Datasheet HTML 10Page - STMicroelectronics ST05250 Datasheet HTML 11Page - STMicroelectronics ST05250 Datasheet HTML 12Page - STMicroelectronics ST05250 Datasheet HTML 13Page - STMicroelectronics ST05250 Datasheet HTML 14Page - STMicroelectronics ST05250 Datasheet HTML 15Page - STMicroelectronics ST05250 Datasheet HTML 16Page - STMicroelectronics ST05250 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Table 10. B4E package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
27.81
27.94
28.07
B
18.93
19.43
19.93
C
33.91
34.04
34.17
D
9.65
9.78
9.91
E
19.56
19.81
20.06
F
3.23
3.61
3.99
G
1.40
1.53
1.66
H
0.07
0.15
L
9.20
9.40
9.60
M
4.67
4.80
4.93
N
0.89
1.02
1.15
O
4.70
4.83
4.96
P
3.13
3.26
3.39
Q
7.77
7.90
8.03
R
0.50
R1
1.52
R2
1.63
CH1
2.72
ST05250
B4E package information
DS12681 - Rev 4
page 13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com