Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST05250 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST05250
Description  250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST05250 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST05250 Datasheet HTML 8Page - STMicroelectronics ST05250 Datasheet HTML 9Page - STMicroelectronics ST05250 Datasheet HTML 10Page - STMicroelectronics ST05250 Datasheet HTML 11Page - STMicroelectronics ST05250 Datasheet HTML 12Page - STMicroelectronics ST05250 Datasheet HTML 13Page - STMicroelectronics ST05250 Datasheet HTML 14Page - STMicroelectronics ST05250 Datasheet HTML 15Page - STMicroelectronics ST05250 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
B4E package information
Figure 12. B4E package outline
DM00418520_2
ST05250
Package information
DS12681 - Rev 4
page 12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com