Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9045C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST9045C
Description  RF Power LDMOS transistor HF up to 1.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9045C Datasheet(HTML) 1 Page - STMicroelectronics

  ST9045C Datasheet HTML 1Page - STMicroelectronics ST9045C Datasheet HTML 2Page - STMicroelectronics ST9045C Datasheet HTML 3Page - STMicroelectronics ST9045C Datasheet HTML 4Page - STMicroelectronics ST9045C Datasheet HTML 5Page - STMicroelectronics ST9045C Datasheet HTML 6Page - STMicroelectronics ST9045C Datasheet HTML 7Page - STMicroelectronics ST9045C Datasheet HTML 8Page - STMicroelectronics ST9045C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M243
Epoxy sealed
1
3
2
1. Drain
2. Gate
3. Source
GADG310120180952IG
Features
Excellent thermal stability
Common source configuration
POUT (@28 V) = 45 W with 18.5 dB gain @945 MHz
BeO free package
In compliance with European Directive 2002/95/EC
Description
The ST9045C is a common source N-channel enhancement-mode lateral field-effect
RF power transistor designed for broadband commercial and industrial applications
at frequencies up to 1.5 GHz. The ST9045C is designed for high gain and broadband
performance operating in common source mode at 28 V. It is ideal for base station
applications requiring high linearity.
Product status link
ST9045C
Product summary
Order code
ST9045C
Package
M243
Branding
ST9045C
RF Power LDMOS transistor HF up to 1.5 GHz
ST9045C
Datasheet
DS11524 - Rev 3 - March 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST9045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
Feb-1997
More results

Similar Description - ST9045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
RF Power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
RF power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST9060C STMICROELECTRONICS-ST9060C Datasheet
301Kb / 12P
RF Power LDMOS transistor HF up to 1.5 GHz
30-Mar-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com