Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2C50S65M2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # A2C50S65M2
Description  ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C50S65M2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A2C50S65M2 Datasheet HTML 5Page - STMicroelectronics A2C50S65M2 Datasheet HTML 6Page - STMicroelectronics A2C50S65M2 Datasheet HTML 7Page - STMicroelectronics A2C50S65M2 Datasheet HTML 8Page - STMicroelectronics A2C50S65M2 Datasheet HTML 9Page - STMicroelectronics A2C50S65M2 Datasheet HTML 10Page - STMicroelectronics A2C50S65M2 Datasheet HTML 11Page - STMicroelectronics A2C50S65M2 Datasheet HTML 12Page - STMicroelectronics A2C50S65M2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Figure 7. Switching energy vs gate resistance
IGBT161020171415SLG
4
3
2
1
0
0
20
40
60
80
E
(mJ)
RG (Ω)
VCC = 300 V, IC = 50 A, VGE = ±15 V
EON (TJ = 150°C)
EOFF (TJ = 150°C)
EON (TJ = 25°C)
EOFF (TJ = 25°C)
Figure 8. Switching energy vs collector current
IGBT161020171419SLC
3
2
1
0
10
30
50
70
90
E
(mJ)
IC (A)
VCC = 300 V, RG = 6.8 Ω, VGE = 15 V
EOFF (TJ = 150°C)
EON (TJ = 150°C)
EON (TJ = 25°C)
EOFF (TJ = 25°C)
Figure 9. IGBT reverse biased safe operating area
(RBSOA)
IGBT101020171353OC25
50
40
30
20
10
0
0
100 200 300 400 500 600
IC
(A)
VCE (V)
TJ = 125 °C, VGE = ±15 V, RG = 6.8 Ω
Figure 10. Diode forward characteristics (terminal)
IGBT101020171356DVF
80
60
40
20
0
0
0.4
0.8
1.2
1.6
2.0
VF (V)
IF
(A)
TJ = 150 °C
TJ = 25 °C
Figure 11. Diode reverse recovery energy vs diode current
slope
IGBT161020171422RRE
1.5
1.2
0.9
0.6
0.3
0
200
750
1300
1850
Erec
(mJ)
di/dt (A/µs)
VCE = 300 V, VGE = ±15 V, IF = 50 A
TJ =150°C
TJ =25°C
Figure 12. Diode reverse recovery energy vs forward
current
IGBT161020171427DVF
2.0
1.6
1.2
0.8
0.4
0
10
30
50
70
90
Erec
(mJ)
IF (A)
TJ = 150 °C
TJ = 25 °C
VCE = 300 V, RG = 6.8 Ω, VGE = ±15 V
A2C50S65M2
Electrical characteristics (curves)
DS12340 - Rev 3
page 9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com