Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2C50S65M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # A2C50S65M2
Description  ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C50S65M2 Datasheet(HTML) 3 Page - STMicroelectronics

  A2C50S65M2 Datasheet HTML 1Page - STMicroelectronics A2C50S65M2 Datasheet HTML 2Page - STMicroelectronics A2C50S65M2 Datasheet HTML 3Page - STMicroelectronics A2C50S65M2 Datasheet HTML 4Page - STMicroelectronics A2C50S65M2 Datasheet HTML 5Page - STMicroelectronics A2C50S65M2 Datasheet HTML 6Page - STMicroelectronics A2C50S65M2 Datasheet HTML 7Page - STMicroelectronics A2C50S65M2 Datasheet HTML 8Page - STMicroelectronics A2C50S65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off delay time
VCC = 300 V, IC = 50 A,
RG = 6.8 Ω, VGE = ±15 V,
dv/dt = 7400 V/µs
105
ns
tf
Current fall time
133
ns
Eoff(2)
Turn-off switching energy
1.36
mJ
td(on)
Turn-on delay time
VCC = 300 V, IC = 50 A,
RG = 6.8 Ω, VGE = ±15 V,
di/dt = 2010 A/µs, TJ = 150 °C
147
ns
tr
Current rise time
20
ns
Eon(1)
Turn-on switching energy
0.318
mJ
td(off)
Turn-off delay time
VCC = 300 V, IC = 50 A,
RG = 6.8 Ω, VGE = ±15 V,
dv/dt = 6000 V/µs, TJ = 150 °C
104
ns
tf
Current fall time
194
ns
Eoff(2)
Turn-off switching energy
1.82
mJ
tSC
Short-circuit withstand time
VCC ≤ 360 V, VGE ≤ 15 V,
TJstart ≤ 150 °C
6
µs
RTHj-c
Thermal resistance junction-to-
case
Each IGBT
0.65
0.72
°C/W
RTHc-h
Thermal resistance case-to-
heatsink
Each IGBT, λgrease = 1 W/(m·°C)
0.79
°C/W
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
1.1.2
Diode
Limiting values at TJ = 25 °C, unless otherwise specified.
Table 3. Absolute maximum ratings of the diode, inverter stage
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
650
V
IF
Continuous forward current (TC = 100 °C)
50
A
IFP(1)
Pulsed forward current (tp = 1 ms)
100
A
TJMAX
Maximum junction temperature
175
°C
TJop
Operating junction temperature range under switching conditions
-40 to 150
°C
1. Pulse width limited by maximum junction temperature
Table 4. Electrical characteristics of the diode, inverter stage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
(terminal)
Forward voltage
IF = 50 A
-
1.85
2.65
V
IF = 50 A, TJ = 150 ˚C
-
1.65
trr
Reverse recovery time
IF = 50 A, VR = 300 V,
VGE = ±15 V, diF/dt = 2320 A/μs
-
155
ns
Qrr
Reverse recovery charge
-
2.32
µC
Irrm
Reverse recovery current
-
41
A
Erec
Reverse recovery energy
-
0.53
mJ
A2C50S65M2
Inverter stage
DS12340 - Rev 3
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com