Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2C50S65M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # A2C50S65M2
Description  ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C50S65M2 Datasheet(HTML) 4 Page - STMicroelectronics

  A2C50S65M2 Datasheet HTML 1Page - STMicroelectronics A2C50S65M2 Datasheet HTML 2Page - STMicroelectronics A2C50S65M2 Datasheet HTML 3Page - STMicroelectronics A2C50S65M2 Datasheet HTML 4Page - STMicroelectronics A2C50S65M2 Datasheet HTML 5Page - STMicroelectronics A2C50S65M2 Datasheet HTML 6Page - STMicroelectronics A2C50S65M2 Datasheet HTML 7Page - STMicroelectronics A2C50S65M2 Datasheet HTML 8Page - STMicroelectronics A2C50S65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 50 A, VR = 300 V,
VGE = ±15 V, diF/dt = 2010 A/μs,
TJ = 150 °C
-
270
ns
Qrr
Reverse recovery charge
-
5.98
µC
Irrm
Reverse recovery current
-
62
A
Erec
Reverse recovery energy
-
1.6
mJ
RTHj-c
Thermal resistance junction-to-
case
Each diode
-
1.0
1.1
°C/W
RTHc-h
Thermal resistance case-to-
heatsink
Each diode, λgrease = 1 W/(m·°C)
-
0.9
°C/W
1.2
Brake stage
Limiting values at TJ = 25 °C, unless otherwise specified.
1.2.1
IGBT
Table 5. Absolute maximum ratings of the IGBT, brake stage
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
650
V
IC
Continuous collector current (TC = 100 °C)
50
A
ICP(1)
Pulsed collector current (tp = 1 ms)
100
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total power dissipation of each IGBT (TC = 25 °C, TJ = 175 °C)
208
W
TJMAX
Maximum junction temperature
175
°C
TJop
Operating junction temperature range under switching conditions
-40 to 150
°C
1. Pulse width limited by maximum junction temperature
Table 6. Electrical characteristics of the IGBT, brake stage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
IC = 1 mA, VGE = 0 V
650
V
VCE(sat)
(terminal)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 50 A
1.95
V
VGE = 15 V, IC = 50 A,
TJ = 150 ˚C
2.3
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 650 V
100
µA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ±20 V
± 500
nA
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0 V
4150
pF
Coes
Output capacitance
170
pF
Cres
Reverse transfer capacitance
80
pF
Qg
Total gate charge
VCC = 520 V, IC = 50 A,
VGE = ±15 V
150
nC
A2C50S65M2
Brake stage
DS12340 - Rev 3
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com