Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2C50S65M2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # A2C50S65M2
Description  ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C50S65M2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A2C50S65M2 Datasheet HTML 8Page - STMicroelectronics A2C50S65M2 Datasheet HTML 9Page - STMicroelectronics A2C50S65M2 Datasheet HTML 10Page - STMicroelectronics A2C50S65M2 Datasheet HTML 11Page - STMicroelectronics A2C50S65M2 Datasheet HTML 12Page - STMicroelectronics A2C50S65M2 Datasheet HTML 13Page - STMicroelectronics A2C50S65M2 Datasheet HTML 14Page - STMicroelectronics A2C50S65M2 Datasheet HTML 15Page - STMicroelectronics A2C50S65M2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
5.1
ACEPACK™ 2 CIB solder pins package information
Figure 23. ACEPACK™ 2 CIB solder pins package outline (dimensions are in mm)
56.7±0.3
51±0.15
22.7±0.3
16.4±0.2
4.5±0.1
3.2 BSC
1.3±0.2
2.5±0.2
52.7 REF
Detail A
3.5 REF x45°
8.5
0.00
9.60
12.80
16.00
19.20
22.40
25.60
28.80
32.00
L3
P1
B
GB
G6
EW
L3
L2
L2
L1
L1
G1
3
G
V
V
G5
T2
T1
EW
G4
EV EV
G2
EU EU
NB
P1
□0.64±0.03
8569722_ACEPACK2_CIB_solderable_pins
W W
U
U
P
P
N
N
•
The lead size includes the thickness of the lead plating material.
•
Dimensions do not include mold protrusion.
•
Package dimensions do not include any eventual metal burrs.
A2C50S65M2
Package information
DS12340 - Rev 3
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com