Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F3283P/032PR Datasheet(PDF) 34 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/032PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR Datasheet(HTML) 34 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 144 page
background image
SH79F3283
34
7.5.6 Capacitor Selection for Oscillator
Ceramic Oscillator
Frequency
C1
C2
3.58MHz
-
-
4MHz
-
-
Crystal Oscillator
Frequency
C1
C2
32.768kHz
10 - 12pF
10 - 12pF
4MHz
8 - 22pF
8 - 22pF
12MHz
8 - 22pF
8 - 22pF
Note:
(1) Capacitor values are used for design guidance only!
(2) These capacitors were tested with the crystals listed above for basic start-up and operation. They are not optimized.
(3) Be careful for the stray capacitance on PCB board, the user should test the performance of the oscillator over the expected
VDD and the temperature range for the application.
(4) Before selecting crystal/ceramic, the user should consult the crystal/ceramic manufacturer for appropriate value of external
component to get best performance, visit http://www.sinowealth.com for more recommended manufactures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com