Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F3283P/032PR Datasheet(PDF) 41 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/032PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR Datasheet(HTML) 41 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
SH79F3283
41
(continued)
42
38
-
1
MISO
Set SPEN bit in SPSTAT register
(when SPEN bit in SPSTAT register in Master mode, Auto Pull up)
2
TXD1
Do write operation to SBUF1 register
3
SEG12
Clear DISPSEL bit in DISPCON Register and set P2S3 in P2SS Register
4
P2.3
Above condition is not met
43
39
-
1
SCK
Set SPEN bit in SPSTAT register
(when SPEN, CPHA, SSDIS bits all set in Slave mode, Auto Pull up)
2
SEG13
Clear DISPSEL bit in DISPCON Register and set P2S4 in P2SS Register
3
P2.4
Above condition is not met
44
40
29
1
FLT
Set EFLT bit in PWMEN register
2
SS
———
When SPEN = 1,
Clear SSDIS bit in SPCON register in SPI Master mode or clear
SSDIS bit when CPHA = 1 in SPCON register in SPI slave mode
or clear CPHA bit in SPCON register in SPI slave mode
(When SPEN = 1 & Master = 1 & SSDIS = 1, auto pull-high or
SPEN = 1 & Master = 0, auto pull-high)
3
SEG14
Clear DISPSEL bit in DISPCON Register and set P2S5 in P2SS Register
4
P2.5
Above condition is not met
45
41
30
1
PWM01C
Set EPWM1 bit and PWM01COE bit in PWMEN Register
2
SEG15
Clear DISPSEL bit in DISPCON Register and set P2S6 in P2SS Register
3
P2.6
Above condition is not met
46
42
-
1
PWM0C
Set EPWM1 bit and PWM01COE bit in PWMEN Register
2
SEG16
Clear DISPSEL bit in DISPCON Register and set P2S7 in P2SS Register
3
P2.7
Above condition is not met
PORT3:
- LED COM1-COM8 (P3.0-P3.7)
- LCD COM1-COM8 (P3.0-P3.7)
- AN4-AN7: ADC input channel (P3.4-P3.7)
Table 7.24 PORT3 Share Table
Pin No.
Priority
Function
Enable bit
TQFP48 LQFP44 LQFP32
23-26
19-22
14-17
1
AN7-AN4
Set CH7-4 bit in ADCH Register and set ADON bit in ADCON
Register, and set SCH [2:0]
2
LED_C8
-LED_C5
Set P3S7-P3S4 bits in P3SS register and set DISPSEL bit and set
DUTY bit in DISPCON register
3
COM8-COM5
Set P3S7-P3S4 bits in P3SS register, clear DISPSEL bit and set
DUTY bit in DISPCON register
4
P3.7-P3.4
Above condition is not met
27-30
23-26
18-21
1
LED_C4
-LED_C1
Set P3S3-P3S0 bits in P3SS register and set DISPSEL bit and set
DUTY bit in DISPCON register
2
COM4-COM1
Set P3S3-P3S0 bits in P3SS register, clear DISPSEL bit and set
DUTY bit in DISPCON register
3
P3.3-P3.0
Above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com