Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F3283P/032PR Datasheet(PDF) 39 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/032PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR Datasheet(HTML) 39 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
SH79F3283
39
Table 7.21 PORT0 Share Table
Pin No.
Priority
Function
Enable bit
TQFP48 LQFP44 LQFP32
47
43
-
1
PWM01B
Set EPWM1 bit and PWM01BOE bit in PWMEN Register
2
SEG17
Clear DISPSEL bit in DISPCON Register and set P0S0 in P0SS
Register
3
P0.0
Above condition is not met
48
44
-
1
PWM0B
Set EPWM0 bit and PWM01BOE bit in PWMEN Register
2
SEG18
Clear DISPSEL bit in DISPCON Register and set P0S1 in P0SS
Register
3
P0.1
Above condition is not met
1
1
31
1
PWM01A
Set EPWM0bit and PWM01AOE bit in PWMEN Register
2
SEG19
Clear DISPSEL bit in DISPCON Register and set P0S2 in P0SS
Register
3
P0.2
Above condition is not met
2
2
32
1
PWM0A
Set EPWM0 bit and PWM01AOE bit in PWMEN Register
2
T4
Set TR4 bit and T4CLKS bit in T4CON register (Auto Pull up) or
clear T4CLKS bit and set TC4 bit or set TR4 bit in Mode2
3
P0.3
Above condition is not met
3
3
-
1
T2EX
In mode 0, 2, 3, set EXEN2 bit in T2CON register, or in mode 1 set
DCEN bit in T2MOD register or in mode 1, clear DCEN bit and set
EXEN2 bit (Auto Pull up)
2
INT0
Set EX0 bit in IEN0 Register and Port0.4 is in input mode
3
P0.4
Above condition is not met
4
4
-
1
T2
Set TR2 bit and C/T
----
2
----
bit in T2CON register (Auto Pull up) or clear
C/T
----
2
----
bit and set T2OE bit in T2MOD register.
2
INT1
Set EX1 bit in IEN0 Register and Port0.5 is in input mode
3
P0.5
Above condition is not met
5
5
1
1
XTALX2
Selected by Code Option
2
INT2
Set EX2 bit in IEN1 Register and Port0.6 is in input mode
3
P0.6
Above condition is not met
6
6
2
1
XTALX1
Selected by Code Option
2
INT3
Set EX3 bit in IEN1 Register and Port0.7 is in input mode
3
P0.7
Above condition is not met
Note: Pin3, Pin4 art open drain port when P0OS is 30H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com