Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F3283P/032PR Datasheet(PDF) 6 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/032PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR Datasheet(HTML) 6 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 144 page
background image
SH79F3283
6
Table 4.1 Pin Function
Pin No.
(TQFP48)
Pin No.
(LQFP44)
Pin No.
(LQFP32)
Pin Name
Default Function
1
1
31
PWM01A/SEG19/P0.2
P0.2
2
2
32
PWM0A/T4/P0.3
P0.3
*3
*3
-
T2EX/INT0/P0.4
P0.4
*4
*4
-
T2/INT1/P0.5
P0.5
5
5
1
XTALX2/INT2/P0.6
P0.6
6
6
2
XTALX1/INT3/P0.7
P0.7
7
7
3
VSS
----
8
8
4
XTAL1/P5.0
----
9
9
5
XTAL2/P5.1
----
10
10
6
RST
————
/P5.2
RST
————
11
11
7
BUZ/T3/P5.3
P5.3
12
12
8
VDD
----
13
-
-
SEG20/P5.4
P5.4
14
-
-
SEG21/P5.5
P5.5
15
-
-
SEG22/P4.7
P4.7
16
-
-
SEG23/P4.6
P4.6
17
13
-
PWM1/SEG24/P4.5
P4.5
18
14
9
AVREF/AN8/P4.4
P4.4
19
15
10
AN3/INT43/P4.3
P4.3
20
16
11
AN2/INT42/P4.2
P4.2
21
17
12
AN1/INT41/P4.1
P4.1
22
18
13
AN0/INT40/P4.0
P4.0
23
19
14
AN7/SEG25/LED_C8/COM8/P3.7
P3.7
24
20
15
AN6/SEG26/LED_C7/COM7/P3.6
P3.6
25
21
16
AN5/SEG27/LED_C6/COM6/P3.5
P3.5
26
22
17
AN4/SEG28/LED_C5/COM5/P3.4
P3.4
27
23
18
LED_C4/COM4/P3.3
P3.3
28
24
19
LED_C3/COM3/P3.2
P3.2
29
25
20
LED_C2/COM2/P3.1
P3.1
30
26
21
LED_C1/COM1/P3.0
P3.0
31
27
22
INT44/LED_S1/SEG1/P1.0
P1.0
32
28
23
INT45/LED_S2/SEG2/P1.1
P1.1
33
29
24
INT46/LED_S3/SEG3/P1.2
P1.2
34
30
25
INT47/LED_S4/SEG4/P1.3
P1.3
35
31
26
LED_S5/SEG5/P1.4
P1.4
36
32
-
LED_S6/SEG6/P1.5
P1.5
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com