Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7721 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSV7721
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7721 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSV7721 Datasheet HTML 14Page - STMicroelectronics TSV7721 Datasheet HTML 15Page - STMicroelectronics TSV7721 Datasheet HTML 16Page - STMicroelectronics TSV7721 Datasheet HTML 17Page - STMicroelectronics TSV7721 Datasheet HTML 18Page - STMicroelectronics TSV7721 Datasheet HTML 19Page - STMicroelectronics TSV7721 Datasheet HTML 20Page - STMicroelectronics TSV7721 Datasheet HTML 21Page - STMicroelectronics TSV7721 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
5
Application information
5.1
Operating voltages
The TSV771 and TSV772 devices can operate from 2.0 to 5.5 V. The parameters are fully specified at 2.0 V,
3.3 V and 5 V power supplies. However, the parameters are very stable over the full VCC range and several
characterization curves show the TSV771 and TSV772 devices characteristics over the full operating range.
Additionally, the main specifications are guaranteed in extended temperature range from -40 to 125 °C.
The TSV772 device is rail-to-rail input and output and features two input transistor pairs, allowing the op amp to
operate over all the common mode range, from Vcc- - 0.2 V, to Vcc+ + 0.1 V. The input pair transition typically
occurs at Vcc+ - 1 V, as seen in Figure 11 and Figure 12. The precision and dynamic performances are particularly
optimized on the low pair, from Vcc- - 0.1 V to Vcc+ - 1.8 V, and operating in this Vicm range is advised for the best
performance whenever possible. Besides, operating near the pair transition should be avoided when precision is
a concern, as CMRR can be lower in these conditions.
5.2
Input offset voltage drift over the temperature
The input voltage drift variation over the temperature is defined as the offset variation related to the offset value
measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and the
amplifier input offset (Vio) is a major contributor to the chain accuracy. The signal chain accuracy at 25 °C can be
compensated during the production at the application level. The maximum input voltage drift over the temperature
enables the system designer to anticipate the effect of temperature variations.
The maximum input voltage drift overtemperature is computed using the following equation:
∆Vio∆T=maxVioT−Vio25°C
T−25°C
(1)
Where T = -40 °C and 125 °C.
The datasheet maximum value is guaranteed by a measurement on a representative sample size ensuring a Cpk
(process capability index) greater than 1.3. The absolute worst case value between -40 °C and 125 °C is reported
in the datasheet.
5.3
Unused channel
When one of the two channels of TSV771 and TSV772 are not used, it must be properly connected in order
to avoid internal oscillations that can negatively impact the signal integrity on the other channel, as well as the
current consumption. Two different configurations can be used:
Gain or buffer configuration: the channel can be set in gain, the input can be set to any voltage within the Vicm
operating range.
Comparator configuration: the channel can be set to a comparator configuration (without negative feedback). In
this case, positive and negative inputs can be set to any value provided these values are significantly different
(100 mV or more, to avoid oscillation between positive and negative state and within operating range) and the
differential input is lower than the maximum specified in the operating range.
TSV771, TSV772
Application information
DS13842 - Rev 3
page 18/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com