Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7721 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV7721
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7721 Datasheet(HTML) 4 Page - STMicroelectronics

  TSV7721 Datasheet HTML 1Page - STMicroelectronics TSV7721 Datasheet HTML 2Page - STMicroelectronics TSV7721 Datasheet HTML 3Page - STMicroelectronics TSV7721 Datasheet HTML 4Page - STMicroelectronics TSV7721 Datasheet HTML 5Page - STMicroelectronics TSV7721 Datasheet HTML 6Page - STMicroelectronics TSV7721 Datasheet HTML 7Page - STMicroelectronics TSV7721 Datasheet HTML 8Page - STMicroelectronics TSV7721 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
2
Absolute maximum ratings and operating conditions
Table 3. Absolute maximum ratings
Symbol
Parameter(1)
Value
Unit
VCC
Supply voltage
-0.3 to 6.0
V
Vid
Input voltage differential (VIN+ - VIN-)
± VCC
V
VIN(2)
Input pins voltage
(VCC-) - 0.3 V to VCC+ + 0.3
V
IIN
Input current
± 10
mA
Tstg
Storage temperature
150
°C
Rth-ja(3)
Thermal resistance junction-to-ambient
-
°C / W
DFN8 (2 mm x 2 mm)
76
SOT23-5
250
MiniSO8
127
SO8
113
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model (4)
4
kV
CDM: charged device model (5)
1.5
kV
1. All voltage values are with respect to VCC- pin, unless otherwise specified.
2. The maximum input voltage value may be extended to the condition that the input current is limited to ±10 mA.
3. Rth j-a are typical values obtained with a PCB according to JEDEC 2s2p without vias.
4. Human Body Model: the test HBM is done in accordance with the standards ESDA-JS-001-2017 and Q100-002.
5. Charged device model: the test CDM is done in accordance with the standards ESDA-JS-002-2018 and Q100-011.
Table 4. Operating conditions
Symbol
Parameter
Value
VCC
Supply voltage
2.0 to 5.5 V
Vicm
Common-mode input voltage range
VCC- – 0.2 V to VCC+ + 0.1 V
Toper
Operating free air temperature range
-40 °C to +125 °C
TSV771, TSV772
Absolute maximum ratings and operating conditions
DS13842 - Rev 3
page 4/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com