Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7721 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSV7721
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7721 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSV7721 Datasheet HTML 16Page - STMicroelectronics TSV7721 Datasheet HTML 17Page - STMicroelectronics TSV7721 Datasheet HTML 18Page - STMicroelectronics TSV7721 Datasheet HTML 19Page - STMicroelectronics TSV7721 Datasheet HTML 20Page - STMicroelectronics TSV7721 Datasheet HTML 21Page - STMicroelectronics TSV7721 Datasheet HTML 22Page - STMicroelectronics TSV7721 Datasheet HTML 23Page - STMicroelectronics TSV7721 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
5.6
Capacitive load and stability
Stability analysis must be performed for large capacitive loads over 47 pF; increasing the load capacitance to high
values produces gain peaking in the frequency response, with overshoot and ringing in the step response.
Generally, unity gain configuration is the worst situation for stability and the ability to drive large capacitive loads.
For additional capacitive load drive capability in unity-gain configuration, stability can be improved by inserting
a small resistor RISO (10 Ω to 33 Ω) in series with the output (see Figure 34. Small step overshoot vs. load
capacitance). This resistor significantly reduces ringing while maintaining DC performance for purely capacitive
loads. However, if there is a resistive load in parallel with the capacitive load, a voltage divider is created
introducing a gain error at the output and slightly reducing the output swing. The error introduced is proportional
to the ratio RISO / RL. RISO modifies the maximum capacitive load acceptable from a stability point of view, as
described in Figure 45. Test configuration for RISO:
Figure 45. Test configuration for RISO
Please note that RISO = 33 Ω is sufficient to make the TSV771 and TSV772 stable whatever the capacitive load.
5.7
Resistor values for high speed op amp design
Due to its high gain bandwidth product (GBP), this op amp is particularly sensitive to parasitic impedances.
Board parasitics should be taken into account in any sensitive design. Indeed, excessive parasitic (both capacitive
and inductive) in the op amp frequency range can alter performances and stability. These issues can often be
mitigated by lowering the resistive impedances. More specifically, the RC network created by the schematic
resistors (Rf and Rg) and the parasitic capacitances of both the op amp (as documented in Table 1 to Table 5
and illustrated in Figure 46) and the PCB can generate a pole below or in the same order of magnitude than
the closed-loop bandwidth of the circuit. In this case, the feedback circuit is not able to fully play its role at high
frequency, and the application can be unstable. This issue can happen when the schematic gain is low (typically <
5), or the device is used in follower mode with a resistor in the feedback. In these cases, it is advised to use a low
value feedback resistor (Rf), typically 1 kΩ.
Figure 46. Inverting amplifier configuration with parasitic input capacitances
TSV771, TSV772
Capacitive load and stability
DS13842 - Rev 3
page 20/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com