Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7721 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV7721
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7721 Datasheet(HTML) 2 Page - STMicroelectronics

  TSV7721 Datasheet HTML 1Page - STMicroelectronics TSV7721 Datasheet HTML 2Page - STMicroelectronics TSV7721 Datasheet HTML 3Page - STMicroelectronics TSV7721 Datasheet HTML 4Page - STMicroelectronics TSV7721 Datasheet HTML 5Page - STMicroelectronics TSV7721 Datasheet HTML 6Page - STMicroelectronics TSV7721 Datasheet HTML 7Page - STMicroelectronics TSV7721 Datasheet HTML 8Page - STMicroelectronics TSV7721 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1
Pin description
1.1
TSV771 single operational amplifier
Figure 1. Pin connections (top view)
IN-
VCC-
OUT
IN+
VCC+
1
2
3
5
4
SOT23-5
Table 1. Pin description
Pin n°
Pin name
Description
1
OUT
Output channel
2
VCC-
Negative supply voltage
3
IN+
Non-inverting input channel
4
IN-
Inverting input channel
5
VCC+
Positive supply voltage
1.2
TSV772 dual operational amplifier
Figure 2. Pin connections (top view)
IN1+
IN1-
IN2+
OUT1
VCC+
1
2
3
8
5
VCC-
4
IN2-
6
OUT2
7
MiniSO8 and SO8
IN1+
IN1-
IN2+
OUT1
VCC+
1
2
3
8
5
VCC-
4
IN2-
6
OUT2
7
NC
DFN8 2 x 2 mm
(1)
1. The exposed pad of the DFN8 2x2 can be connected to VCC- or left floating.
TSV771, TSV772
Pin description
DS13842 - Rev 3
page 2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com