Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WD1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 10Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
WD 1 (M) / WD 1000 (M)
7-18
5 Starting up the device
WARNING! Electric shock and risk of burns
Connecting the control unit incorrectly poses a risk of injury and
damage to the device. Risk of burns from the soldering tool while
the control unit is operating.
Read the enclosed instructions, the safety instructions included
in these Operating Instructions as well as the instructions for
your control unit all the way through and observe the specified
precautionary measures before operating the control unit.
Always place the soldering tool in the safety holder when not in
use.
1. Carefully unpack the device.
2. Connect the soldering tools as follows:
Insert the soldering tool with connector into the connecting socket
(9) on the control unit and turn clockwise to lock.
3. Place the soldering tool in the safety holder.
4. Check whether the mains supply voltage matches that indicated
on the rating plate and whether mains power switch (7) is off.
5. Connect the control unit to the mains supply (11).
6. Switch on the device at the mains power switch (7).
After the device has been switched on, the microprocessor carries
out a self-test in which all the display elements are briefly in
operation. The preset temperature (setpoint) and the temperature
unit (°C / °F) are then displayed briefly. The electronics automatically
switch to the actual value display. The symbol " " (17) appears on
the display (1) as an optical control check:
−
Continuous illumination indicates that the system is warming up.
−
Flashing light indicates that the preselected temperature has been
reached.
Note
Please refer to the accessories section on page 18 for a list of tools
that can be connected to the WD 1 (M) / WD 1000 (M).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com