Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD1 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button WD1 Datasheet HTML 11Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 12Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 13Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 14Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 15Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 16Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 17Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 18Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
WD 1 (M) / WD 1000 (M)
15-18
I
II
III
Executing the calibration function (Factory Calibration Check)
With the FCC function you can check the temperature precision of
the soldering station and compensate for possible deviations. For
this purpose, the soldering-tip temperature must be measured with
an external temperature meter and a temperature measuring tip
assigned to the soldering tool. The corresponding channel must be
selected prior to calibration.
WARNING! Risk of burns
The soldering tool becomes hot during the calibration process.
There is a risk of burns from touching the tool.
Keep the hot soldering tool well away from flammable objects
and do not touch.
Changing calibration at 100 °C / 212 °F
1. Insert the temperature sensor (0.5 mm) of the external
temperature meter into the temperature measuring tip.
2. Select the menu item FCC in Menu 2.
3. Press the DOWN button.Calibration point 100 °C / 212 °F is
selected.
The soldering tip is now heated to 100 °C / 212 °F.
The control indicator flashes as soon as the temperature is
constant.
4. Compare the temperatures indicated by the meter with the
indications in the display.
5. Use the UP or DOWN button to set the difference between the
value indicated on the external meter and the value indicated on
the soldering station.
Maximum possible temperature adjustment ± 40 °C (± 72 °F).
Example:
Display 100 °C, external meter 98 °C: setting
2
Display 100 °C, external meter 102 °C: setting
2
Note Press button III to exit the menu item without changes (EXIT).
6. Press button II (Set) to confirm the value.
The temperature deviation is now reset to 0. Calibration at
100 °C / 212 °F is now concluded.
7. Exit Menu 2 with button III.
I
II
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com