Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD1 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button WD1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 10Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 11Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 12Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 13Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 14Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 15Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 16Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
WD 1 (M) / WD 1000 (M)
13-18
Setting the temperature offset
The real soldering-tip temperature can be adapted by entering a
temperature offset around ± 40 °C (± 72 °F).
1. Select the menu item OFFSET in Menu 1.
2. Set the Auto-OFFSET temperature value with the UP or DOWN
button.
3. Press the I (back) or II (forwards) button to switch to the next
menu item.
Setting the window function
It is possible, starting from a set, locked temperature, to set a
temperature window of ± 99 °C (± 180 °F) with the aid of the
WINDOW function.
Note To be able to use the WINDOW function, ensure that the soldering
station is in the locked state (see "Switching the lock function
on/off").
1. Select the menu item WINDOW in Menu 1.
2. Set the WINDOW temperature value with the UP or DOWN
button.
3. Press the I (back) or II (forwards) button to switch to the next
menu item.
Switching the temperature unit
Switching the temperature unit from °C to °F or vice versa.
1. Select the menu item °C / °F in Menu 1.
2. Set the temperature unit with the UP or DOWN button.
3. Press the I (back) or II (forwards) button to switch to the next
menu item.
Switching the lock function on/off
Once the lock is activated, only the temperature buttons I, II and III
can be used on the soldering station. All other settings are disabled
until the repair station is unlocked again.
Lock the soldering station:
1. Select the menu item LOCK in Menu 1.
"OFF“ appears in the display. The padlock symbol flashes.
Note Pressing the buttons I or II while "OFF“ is displayed results in the
menu item being exited without a stored lock code.
2. Set a 3-digit lock code with the UP or DOWN button.
3. Press and hold button III for 5 s.
The code is stored. The padlock symbol is displayed. The station
is now locked. The display switches to the main menu.
III
III
I
II
III
I
II
III
I
II
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com