Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # WD1
Description  Operating Manual
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button WD1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 10Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 11Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 12Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 13Page - List of Unclassifed Manufacturers WD1 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10-18
WD 1 (M) / WD 1000 (M)
7.1
Selecting Menu 1 special functions
Special functions
Navigation
STANDBY
EXIT
I
II
III
SETBACK
AUTO OFF
OFFSET
WINDOW
°C / °F
1. Press and hold down the UP and DOWN buttons simultaneously.
"– 1 –“ appears in the display after 2 s.
2. Release the buttons.
Selection of the special functions of Menu 1 is activated.
The settings can now be made.
- Press the I, II buttons to select menu items.
- Press the III button to exit the menu again (EXIT).
Resetting the special functions to the factory settings
1. Press and hold down button III.
2. Then press the UP and DOWN buttons simultaneously.
"FSE“ appears in the display.
The soldering station is now reset to the factory settings.
Setting the standby temperature
The standby temperature is automatically set after a temperature
deactivation. The actual temperature flashes in the display.
"STANDBY" appears on the display
(100 °C – 300 °C / 200 °F – 600 °F).
1. Select the menu item STANDBY in Menu 1.
2. Set the setpoint value for the standby temperature with the UP or
DOWN button.
3. Press the I (back) or II (forwards) button to switch to the next
menu item.
III
III
I
II
III
I
II
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com