Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # MLF
Description  Metal Film Melf Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLF Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  MLF Datasheet HTML 1Page - Stackpole Electronics, Inc. MLF Datasheet HTML 2Page - Stackpole Electronics, Inc. MLF Datasheet HTML 3Page - Stackpole Electronics, Inc. MLF Datasheet HTML 4Page - Stackpole Electronics, Inc. MLF Datasheet HTML 5Page - Stackpole Electronics, Inc. MLF Datasheet HTML 6Page - Stackpole Electronics, Inc. MLF Datasheet HTML 7Page - Stackpole Electronics, Inc. MLF Datasheet HTML 8Page - Stackpole Electronics, Inc. MLF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev Date: 8/10/2022
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLF / MLFM Series
Metal Film Melf Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
Performance Characteristics
0.087 ± 0.004
0.043 ± 0.004
0.043
0.018 ± 0.002
inches
2.20 ± 0.10
1.10 ± 0.10
1.10
0.45 ± 0.05
mm
0.087 ± 0.004
0.043 ± 0.004
0.043
0.018 ± 0.002
inches
2.20 ± 0.10
1.10 ± 0.10
1.10
0.45 ± 0.05
mm
0.138 ± 0.008
0.055 ± 0.006
0.055
0.031 ± 0.004
inches
3.50 ± 0.20
1.40 ± 0.15
1.40
0.80 ± 0.10
mm
0.138 ± 0.008
0.055 ± 0.006
0.055
0.031 ± 0.004
inches
3.50 ± 0.20
1.40 ± 0.15
1.40
0.80 ± 0.10
mm
0.232 ± 0.008
0.087 ± 0.008
0.087
0.051 ± 0.004
inches
5.90 ± 0.20
2.20 ± 0.20
2.20
1.30 ± 0.10
mm
0.232 ± 0.008
0.087 ± 0.008
0.087
0.051 ± 0.004
inches
5.90 ± 0.20
2.20 ± 0.20
2.20
1.30 ± 0.10
mm
D1
Middle Body Dia.
+0/-0.006
0.043
L1 (min.)
Inner Body Length
MLFM1
80.9
0.059
1.50
0.114
2.90
0.114
2.90
MLF14
18.7
0.067
1.70
Termination
MLFM25
18.7
+0/-0.15
+0/-0.006
+0/-0.15
+0/-0.008
+0/-0.20
1.10
0.043
1.10
+0/-0.008
+0/-0.20
+0/-0.008
+0/-0.20
+0/-0.008
+0/-0.20
Unit
MLF18
MLF12
Type/Code
L
Body Length
D
Body Diameter
K
MLFM15
Weight (g)
(1000 pieces)
7.7
7.7
80.9
5% and below
Jumper
JIS-C-5201-1 4.8
IEC-60115-1 4.8
0204/0207: ± (0.15% + 0.05Ω)
0102: ± (0.15% + 0.01Ω)
5ppm: ± (0.05% + 0.01Ω)
JIS-C-5201-1 4.6
IEC-60115-1 4.6
0204/0207: ± (0.15% + 0.05Ω)
0102: ± (0.5% + 0.05Ω)
5ppm: ± (0.25% + 0.01Ω)
0204/0207: ± (1% + 0.05Ω)
0102: ± (1% + 0.05Ω)
5ppm: ± (0.25% + 0.01Ω)
JIS-C-5201-1 4.33
± (0.5% + 0.05Ω)
IEC-60115-1 4.33
5ppm: ± (0.1% + 0.01Ω)
JIS-C-5201-1 4.17
IEC-60115-1 4.17
± (0.5% + 0.05Ω)
5ppm: ± (0.05% + 0.01Ω)
JIS-C-5201-1 4.7
IEC-60115-1 4.7
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
JIS-C-5201-1 4.19
± (0.5% + 0.05Ω)
IEC-60115-1 4.19
5ppm: ± (0.2% + 0.01Ω)
RCWV (rated continuous working voltage) =
√(P*R) or max. operating voltage whichever is lower.
Storage temperature: 25°C ± 3ºC, humidity < 80% R.H.
Operating temperature range is -55°C to +155°C except for 5 ppm/ºC.
Operating temperature range for 5 ppm/ºC is -55°C to +125°C.
Test
No breakdown or flashover
Rapid Change of
Temperature
-55°C to +125°C / +155°C, 5 cycles
< 15mΩ
< 15mΩ
< 15mΩ
95% min. coverage
JIS-C-5201-1 4.18
IEC-60115-1 4.18
< 15mΩ
≥10G
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
< 15mΩ
JIS-C-5201-1 4.24
IEC-60115-1 4.24
< 15mΩ
Test Method
Test Condition
Test Specification
As specified
RCWV*2.5 or max. overload voltage whichever is
lower for 5 seconds
< 15mΩ
0204/0207: ± (1% + 0.05Ω)
5ppm: ± (0.25% + 0.01Ω)
Temperature Coefficient
of Resistance (T.C.R.)
At 25°C/-55°C and 25°C/+125°C, 25°C is the
reference temperature.
5ppm: At 25°C/-10°C and 25ºC/+85°C,
25°C is the reference temperature
At +125°C / +155°C for 1000 hours
260 ± 5ºC for 10 seconds
Resistance to Soldering
Heat
JIS-C-5201-1 4.23
IEC-60115-1 4.23.2
Short Time Overload
JIS-C-5201-1 4.13
IEC-60115-1 4.13
1.42 times max. operating voltage for 1 minute
260 ± 5ºC for 30 seconds
40 ± 2ºC, 90 ~ 95% R.H., RCWV for 1000 hours
with 1.5 hour "ON" and 0.5 hour "OFF"
Bending once for 5 seconds with 2 mm
245 ± 5ºC for 3 seconds
Max. overload voltage for 1 minute
70 ± 2ºC, RCWV for 1000 hours
with 1.5 hour "ON" and 0.5 hour "OFF"
Voltage Proof
Leaching
Insulation Resistance
Solderability
Damp Heat with Load
Endurance
Bending Strength
Dry Heat
Individual leacing area
≤ 5%
Total Leaching area
≤ 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com