Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # MLF
Description  Metal Film Melf Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLF Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  MLF Datasheet HTML 1Page - Stackpole Electronics, Inc. MLF Datasheet HTML 2Page - Stackpole Electronics, Inc. MLF Datasheet HTML 3Page - Stackpole Electronics, Inc. MLF Datasheet HTML 4Page - Stackpole Electronics, Inc. MLF Datasheet HTML 5Page - Stackpole Electronics, Inc. MLF Datasheet HTML 6Page - Stackpole Electronics, Inc. MLF Datasheet HTML 7Page - Stackpole Electronics, Inc. MLF Datasheet HTML 8Page - Stackpole Electronics, Inc. MLF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev Date: 8/10/2022
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLF / MLFM Series
Metal Film Melf Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Thin film technology for precision and stability
•
Excellent power to size ratio
•
Exhibits good pulse power characteristics
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Maximum
Maximum
Working
Overload
Voltage (V)
(1)
Voltage (V)
0.1%
0.5%
1%
5%
± 15
-
± 25
100 - 82K
49.9 - 200K
49.9 - 390K
-
± 50
-
± 100
Jumper: 2A
-
± 15
-
± 25
100 - 82K
49.9 - 200K
49.9 - 390K
-
± 50
-
± 100
± 5
10 - 332K
± 10
± 15
± 25
± 50
10 - 1M
1 - 1M
± 100
Jumper: 2 A
-
± 5
10 - 332K
± 15
± 25
± 50
10 - 1M
1 - 1M
± 100
± 5
10 - 332K
± 10
± 15
± 25
± 50
10 - 1M
1 - 1M
± 100
Jumper: 4 A
-
± 5
10 - 332K
± 15
10 - 100K
± 25
± 50
10 - 1M
1 - 1M
± 100
10 - 300K
10 - 1M
1 - 4.7M
0 Ω (< 15mΩ)
10 - 20K
1 - 1M
10 - 1M
1 - 4.7M
0.2 - 10M
10 - 20K
-
400
MLF18
0102
0.3
0.125
150
MLF14
0204
0102
0.2
200
TCR (ppm/ºC)
MLF12
0207
300
600
200
400
MLFM25
0204
0.4
200
400
Type/Code
Power Rating
(W)
@ 70ºC
300
MLFM15
0.1 - 10M
-
0.2 - 10M
-
0.1 - 10M
10 - 1M
1 - 3.4M
-
0 Ω (< 15mΩ)
Package
Size
Ohmic Range (Ω) and Tolerance
Note: (1) Lesser of
or maximum working voltage
0.25
1
700
0.5
MLFM1
350
0207
-
0.1 - 1M
0.2 - 1M
10 - 1M
100 - 56K
0.2 - 10M
-
10 - 100K
-
100 - 56K
0 Ω (< 15mΩ)
-
0.1 - 10M
10 - 300K
1 - 3.4M
1 - 1M
-
1 - 1M
1 - 1M
-
√P*R


Similar Part No. - MLF

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
MLF AMKOR-MLF Datasheet
754Kb / 3P
Saw MLF PEL (Plated End Lead) Package
MLF AMKOR-MLF Datasheet
694Kb / 4P
Amkor’s MicroLeadFrame® package is a near CSP plastic encapsulated package with a copper leadframe substrate.
02/21
logo
TDK Electronics
MLF1005 TDK-MLF1005 Datasheet
3Mb / 23P
Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1005 TDK-MLF1005 Datasheet
335Kb / 24P
Inductors for Standard Circuits Multilayer Ferrite
MLF1005G TDK-MLF1005G Datasheet
3Mb / 23P
Inductors for Standard Circuits Multilayer Ferrite MLFseries
More results

Similar Description - MLF

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
fixed carbon film melf resistor
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
METAL FILM MELF RESISTORS
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
MFM MERITEK-MFM Datasheet
428Kb / 2P
Metal Film MELF Resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
Metal Film MELF Resistor
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
Metal Film MELF Resistors
logo
KOA Speer Electronics, ...
RD41 KOA-RD41 Datasheet
358Kb / 2P
fixed carbon film melf resistor
RN41 KOA-RN41 Datasheet
562Kb / 3P
fixed metal film melf resistors
logo
Stackpole Electronics, ...
MLFA SEI-MLFA Datasheet
859Kb / 12P
Metal Film Melf Resistor - AEC-Q200 Qualified
7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com